Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSCPOO Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSCPOO
Description  ANTENNAS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSCPOO Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSCPOO Datasheet HTML 1Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 2Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 3Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 4Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
22
www.pulseeng.com
G003.U (2/07)
Pulse's new line of wireless access point antennas offers flexible and economical solutions for wireless device OEMs. These antennas
offer superior transmission and reception between wireless access points. They are compatible with IEEE 802.11a/b/g/n, Bluetooth
and ZigBee applications, as well as other products that utilize ISM frequency bands. All wireless access point antennas are RoHS
compliant. For high-volume orders, Pulse can custom design antennas for OEMs. This includes alternative frequencies and a variety
of cables/connectors for antenna assemblies. Pulse also manufactures build-to-print internal antennas that feature a variety of stamped
metal and PCB configurations.
Pulse's wide array of antenna selections provide solutions to GSM, CDMA, WCDMA, WiMax, WiFi TM, GPS, ZigBee TM, Bluetooth ®,
UWB, ISM, DVB-H, MediaFLO TM, DMB-S, Satellite Radios, DECT and other custom applications. Please pick antennas from these
charts at
http://www.pulsefinland.com/index.php?271. Click on the part number to access the corresponding data sheet.
Please contact Pulse for additional information on products not covered in this catalog.
Part
Frequency
Max
Mechanical
Application/Standar
Application/Standard
d
Number
Gain (dBi)
Length 3
W1047
900MHz
1.0
6.65/169
ISM 900MHz
W1063
900MHz
3.0
6.65/169
ISM 900MHz
W1030
2.4GHz
2.0
3.25/82.5
802.11b/g/n, Bluetooth, ZigBee
W1031
2.4GHz
2.0
3.25/82.5
802.11b/g/n, Bluetooth, ZigBee
W1034
2.4GHz
2.0
4.21/107
802.11b/g/n, Bluetooth, ZigBee
W1037
2.4GHz
3.2
6.65/169
802.11b/g/n, Bluetooth, ZigBee
W1038
2.4GHz
4.9
6.65/169
802.11b/g/n, Bluetooth, ZigBee
W1027
2.4GHz
3.2
4.88/124
802.11b/g/n, Bluetooth, ZigBee
1. Antennas come standard with R-SMA connectors, unless otherwise specified.
2. These part numbers are lead-free and RoHS compliant. No additional suffix or
identifier is required.
3. Inches/millimeters
Part
Frequency
Max
Mechanical
Application/Standard
Number
(GHz)
Gain (dBi)
Length 3
W1043
2.4 & 5.0
2.0
4.59/117
802.11a/b/g/n, Bluetooth, ZigBee
W1045
2.4 & 5.0
2.0
4.13/105
802.11a/b/g/n, Bluetooth, ZigBee
W1028
5.15 & 5.85
2.0
4.88/124
802.11a/b/g/n, ISM 5.8GHz
1. Antennas come standard with R-SMA connectors, unless otherwise specified.
2. These part numbers are lead-free and RoHS compliant. No additional suffix or
identifier is required.
3. Inches/millimeters
ANTENNAS FOR WIRELESS DEVICES
ANTENNAS FOR MOBILE PHONES
Single-Band 1, 2
Dual-Band 1, 2
Antennas
for Wireless
Access Point
Solutions for
Mobile Phone
Antennas
Pulse´s customized antennas for mobile phones are based on a thorough knowledge of the design of modern handsets, the antenna
requirements, and the challenges of devices functioning in multiradio environments.
Pulse has extensive experience in main antenna design and utilizes technologies such as sheet metals, flex radiators and ceramic
solutions. Pulse products offer optimal and well-proven solutions for each application and form factor.
The product range for mobile phones includes main and complementary antennas and integrated antenna modules.
ANTENNAS
Antennas


Similar Part No. - GPSCPOO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSCP00 PULSE-GPSCP00 Datasheet
1Mb / 5P
GLASS MOUNT
GPSCP01 PULSE-GPSCP01 Datasheet
1Mb / 5P
GLASS MOUNT
GPSCP02 PULSE-GPSCP02 Datasheet
1Mb / 5P
GLASS MOUNT
GPSCP03 PULSE-GPSCP03 Datasheet
1Mb / 5P
GLASS MOUNT
GPSCP04 PULSE-GPSCP04 Datasheet
1Mb / 5P
GLASS MOUNT
More results

Similar Description - GPSCPOO

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
ISM Antennas
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
logo
TAI-TECH Advanced Elect...
PAS1225F TAI-TECH-PAS1225F Datasheet
153Kb / 1P
Telecoil-antennas Inductor
logo
Pulse A Technitrol Comp...
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-3851 MOLEX-987651-3851 Datasheet
403Kb / 2P
Combo Antennas
2020.09
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
GNSS Antennas
2020.02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com