Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSCPOO Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # GPSCPOO
Description  ANTENNAS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSCPOO Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  GPSCPOO Datasheet HTML 1Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 2Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 3Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 4Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
24
www.pulseeng.com
G003.U (2/07)
The Larsen antenna product line offers the highest quality, most reliable antennas in the automotive industry. The Larsen antennas
combine premium materials with high efficiency designs, which deliver antennas with superior mechanical durability and electrical
performance. UV, chemical and impact resistant Makroblend ® bases help ensure the highest performance for all your mobile
applications. “Traditional-style” mobile antennas are available from 27 MHz to 5.9 GHz, as well as many “multi-band” designs. Whether
you need communication interoperability, radio communication, data transmission, increased cellular/PCS coverage or GPS tracking,
Larsen antennas are the solution.
Larsen antennas consist of over 1000 different automotive antenna options. Please contact the factory for more information or to order
an all-inclusive catalog at
info@larsen.pulseeng.com or call 800-268-3662.
LARSEN
® ANTENNAS
AUTOMOTIVE
Single-Band 1
Multi-Band 1
NMOWB150C
135-174
2
NMO Wide Band 4
51.75 / 1314
⎯⎯
NMO450C
450-750
5.6
NMO UHF Field Tunable 4
33 / 838
⎯⎯
LP800NMO
806-960
2
NMO Low Profile 4
1.25 / 32
⎯⎯
NMOQW900
890-970
2
NMO 1/4 Wave 4
3/76
⎯⎯
GPSGM
1575.4
5 dBic
GPS Glass Mount
1.7 / 43
RG-174
⎯
NMO5E2400B
2400-2500
5
NMO Whip 4
8.54 / 217
⎯⎯
1. Antennas available in multiple frequencies and mounting options.
3. Variety of connectors available. Order separately.
2. Variety of coax available. Order separately.
4. All NMO antennas require an NMO mount for installation.
1. Antennas available in multiple frequencies and mounting options.
3. Variety of connectors available. Order separately.
2. Variety of coax available. Order separately.
4. All NMO antennas require an NMO mount for installation.
Part
Frequency
Gain
Description
Length
Coax 2
Connector 3
Number
(MHz)
(dBi)
(in / mm)
Part
Frequency
Gain
Description
Length
Coax 2
Connector 3
Number
(MHz)
(dBi)
(in / mm)
NMO150/450/800
150-165 / 450-470 / 806-940
-7 / 0 / 1
NMO Tri Band 4
16.5 / 419
⎯⎯
KGC/P3EUD
824-896 / 1850-1990
5.2 / 5.2
Glass Mount Dual Band
13 330
RG-58U Dual Shield
No Conn
LPT825/18NMOHF
806-960 / 1710-1990 / 2400
3 / 4 / 3
Low Profile Transit 4
3.5 / 89
⎯⎯
MMC/P3EFME
824-960 / 1850-1990
4 / 4
Dual Band Magnetic Mount
5 / 127
RG-58 Low Loss Dual Shield
FME
NMOC/P3E
824-960 / 1850-1990
4 / 4
Dual Band NMO Mount 4
4.7 / 119
⎯⎯
GPSCPOO
824-960 / 1710-1990 / 1575.42
2 / 2 / 4.5dBic
Direct Feed GPS Tri Band
7.6 / 193
RG-174
TNC/SMA
GPSCWCPOO
824-960 / 1710-1990 / 1575.42
2 / 1.5 / 4.5dBic
Roof Mount GPS Tri Band
3.9 / 99
RG-174
TNC/SMA
Automotive
Single-Band
Solutions
Automotive
Multi-Band
Solutions
LARSEN
®
Antennas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com