Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSCPOO Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # GPSCPOO
Description  ANTENNAS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSCPOO Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  GPSCPOO Datasheet HTML 1Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 2Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 3Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 4Page - Pulse A Technitrol Company GPSCPOO Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AUTOMOTIVE
(continued)
WIRELESS APPLICATIONS
NMO Mounting Kits 1
NMOKHFUD
NMO Low / High Frequency Mount
17 / 5.18
RG-58 / U Dual Shield, Low Loss Cable
NO CONN
NMOKHFUDTHK
NMO Low / High Frequency Thick Mount
17 / 5.18
RG-58 / U Dual Shield, Low Loss Cable
NO CONN
NMOMMRNOCONN
NMO Low / High Frequency Magnetic Mount
12 / 3.66
RG-58 A / U cable
NO CONN
Part
Description
Cable Length
Coax Type
Connector
Number
(ft / m)
1. All NMO mounting kits are available with a variety of cables and connectors.
G003.U (2/07)
www.pulseeng.com
25
Pulse’s Larsen antennas also offer a complete line of portable/terminal antennas for wireless applications. These antenna solutions
are perfect for data transmission for various networking applications. Pulse’s Larsen antennas also offer portable/terminal antennas
for routers and access points in 800/900 MHz, 1700-1900 MHz and 802.11a/b/g frequencies.
The ultra-slim stealth blade allows mounting virtually anywhere without obstruction - in vehicles for voice and data, mobile computing
or other mobile/portable terminal applications. SPDA models are true sleeve dipole designs optimized for no-ground-plane environments
found in portable and terminal applications. Models have an articulated right angle/360 degree swivel connector. They are ideal for any
portable, hand-held terminal or cordless base application such as wireless Point-of-Sale, WLAN or cordless PDX.
Larsen antennas offer a variety of portable/terminal antennas with various terminations for use with most popular radio brands as well
as many wireless applications. For more information on these antennas or to order an all-inclusive catalog, please e-mail Pulse, at:
info@larsen.pulseeng.com, or call 800-268-3662.
LARSEN
® ANTENNAS
Single-Band Wireless Access Point Antennas
R380.500.109
2400-2500
2
Cordless Base, Straight Dipole
3.5 / 89
NA
SMA Plug
SB450FME3
450-470
2.14
Stealth Blade
10 / 254
3' RG-316
FME
SB8003
806-896
2.14
Stealth Blade
2.5 / 132
3' RG-174
No Conn
SB9003
890-960
2.14
Stealth Blade
2.5 / 132
3' RG-174
No Conn
SB24003
2400-2500
2.14
Stealth Blade
2.5 / 132
3' RG-174
No Conn
SPDA24832
824-894
⎯
Center Fed Dipole, Articulating Right Angle
9 / 229
NA
SMA
SPDA24918
890-960
⎯
Center Fed Dipole, Articulating Right Angle
8 / 203
NA
SMA M T2
SPDA241800
1710-1880
⎯
Center Fed Dipole, Articulating Right Angle
6.5 / 165
NA
SMA M T2
SPDA241900
1850-1990
⎯
Center Fed Dipole, Articulating Right Angle
6.5 / 165
NA
SMA M T2
SPDA242400
2400-2500
⎯
Center Fed Dipole, Articulating Right Angle
6 / 152
NA
SMA
SPDP24832
824-894
⎯
Center Fed Dipole, Straight
8 / 203
NA
SMA M T2
SPDP24918
890-960
⎯
Center Fed Dipole, Straight
2.75 / 70
NA
SMA M T2
SPDP242400
2400-2500
⎯
Center Fed Dipole, Straight
3.5 / 89
NA
SMA M T2
SPWB23150
136-174
⎯
Helical, Standard, 1/4 Wave
6.75 / 171
NA
SMA F T3
SPWB23425
380-470
⎯
Helical, Standard, 1/4 Wave
6.5 / 165
NA
SMA F T3
SPWH23832
782-882
⎯
Whip, Standard, 1/4 Wave
3 / 76
NA
SMA F T3
SPWH23918
863-973
⎯
Whip, Standard, 1/4 Wave
3 / 76
NA
SMA F T3
SPHS24832
800-864
⎯
Helical, Standard, 1/4 Wave
3 / 76
NA
SMA F T2
1. UHF and VHF portable/terminal antennas also available.
Part
Frequency
Gain
Description
Length
Coax 1
Connector 1
Number
(MHz)
(dBi)
(in / mm)
Single-Band
Wireless
Access Point
Solutions
NMO
Mounting Kits
LARSEN
®
Antennas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com