Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1792 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1792 Datasheet HTML 1Page - Diodes Incorporated AL1792 Datasheet HTML 2Page - Diodes Incorporated AL1792 Datasheet HTML 3Page - Diodes Incorporated AL1792 Datasheet HTML 4Page - Diodes Incorporated AL1792 Datasheet HTML 5Page - Diodes Incorporated AL1792 Datasheet HTML 6Page - Diodes Incorporated AL1792 Datasheet HTML 7Page - Diodes Incorporated AL1792 Datasheet HTML 8Page - Diodes Incorporated AL1792 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
5 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Detailed Description (cont.)
Analog Dimming Control
With the same PWMx pins, analog dimming can be facilitated to control the brightness of each LED channel. When no PWM signal with frequency
ranging from 500Hz and above during startup is present at PWMx pins, the device is determined in analog dimming mode. In this mode, the
signals at PWMx pins are interpreted as analog dimming signals. The meaningful dimming voltage should range from 0.4V to 1.5V. When the
voltage is 0.4V or below, the current-sink turns off the LED string. When the voltage is 1.5V or above, it turns the current level on to 100%. For any
voltage between 0.4V to 1.5V, the current level is linearly prorated to its full scale.
Undervoltage Lockout
The Undervoltage lockout function (UVLO) guarantees that the device is initially off during start-up. The UVLO functions only when the device is
enabled. Even if the AL179x is enabled, the device is not turned ON until the power supply has reached 6.3V. Whenever the input voltage falls
below approximately 6V, the device is turned off. The UVLO circuit has a hysteresis of 300mV. During UVLO, a FAULTB status will be reported.
Over-Temperature Protection
Thermal protection prevents the IC from damage when the die temperature exceeds safe margins. The AL1791/1792/1793/1794 features Over-
Temperature Protection (OTP). When the junction temperature reaches +160°C, the device will enter thermal shutdown mode in which all current
sinks are shut down and no current flows to the LED strings. The normal current level can be automatically restored to its set current from OTP by
triggering a Soft Start when the temperature lowers down below +100°C. Thermal Shut Mode will also be reported as a FAULTB.
LED Open and Short Protection
AL179x detects the LED status by continuously monitoring the current and voltage status of the LED strings. When an abnormal condition occurs
(LED Open or LED Short), FAULTB is asserted low. In the case of LED Short, all output channels will be turned off. In the case of LED Open, all
non-affected channels remain in the normal operating condition.
Fault Reporting
Fault reporting serves as a good communication channel between LED drivers and intelligent MCU unit. AL179x detects and reports the FAULTB
status upon the occurrence of Thermal Shutdown in OTP, LED Short, LED Open, and UVLO. FAULTB pin is an open-drain output design. Multiple
devices can share a single FAULTB signal by connecting all FAULTB pins together with an external pull-up resistor. Any FAULTB assertion from
any device pulls the signal down and informs MCU of the faulty condition.
LED Power Good Reporting
The Input Voltage to drive all attached Emitter Strings needs to maintain voltage level over required total VF of emitter string plus a minimum
voltage headroom (VLED_REG). On the other hand, excessive voltage headroom provided needs to be absorbed by AL179x, which increases
heat dissipation to complicate thermal management. Power Good reporting serves as a mechanism to detect the LED power supply condition and
adjusts the supply voltage to LEDs through MCU in order to minimize unnecessary overdrive voltage to the regulator and optimize the efficiency.
AL179x constantly detects and reports VLEDx (voltage measured at Pin LEDx) output headroom condition by asserting LEDPG pin. If the VLEDx in
any channel is lower than or close to the dropout voltage required by the regulator (VLED_REG) while the channel is enabled with PWMx and EN,
LEDPG pin will be pulled down to ground. During PWMx low period, internal LEDPG will not report insufficient headroom for that channel. Internal
LED Power Good logics are ANDed together before brought out to the pin. Any channel’s insufficient headroom condition will trigger a logic Low at
LEDPG pin. This signal can then be used by MCU to wisely adjust the LED power and thus the voltages to the LEDx pins to minimize power
consumption on AL179x. LEDPG needs to be connected with an external pull-up resistor. Multiple AL179x devices can also share a single pull-up
resistor to create a unified LEDPG signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com