Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1792 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL1792 Datasheet HTML 5Page - Diodes Incorporated AL1792 Datasheet HTML 6Page - Diodes Incorporated AL1792 Datasheet HTML 7Page - Diodes Incorporated AL1792 Datasheet HTML 8Page - Diodes Incorporated AL1792 Datasheet HTML 9Page - Diodes Incorporated AL1792 Datasheet HTML 10Page - Diodes Incorporated AL1792 Datasheet HTML 11Page - Diodes Incorporated AL1792 Datasheet HTML 12Page - Diodes Incorporated AL1792 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
9 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Typical Performance Characteristics (VIN=12V, RSET=12KΩ, RFAULT=10KΩ, TA=+25°C, unless otherwise specified.)
Figure 6 System Startup
Figure 7 Dimming by PWM Input (PWM1 4KHz )
Figure 8 Dimming by Analog input ( V(PWM1)=1V )
Figure 9 LED Short Protect Deglitch Cycles
Fig. 5 SCP deglitch time
Fig. 6 OCP deglitch cycles
Figure 10 LED Short Protect Deglitch Time
Figure 11 LED Open Protect Deglitch Cycles
PWM1
5V/div
LED1
2V/div
I(LED1)
200mA/div
100us/div
PWM1
1V/div
LED1
2V/div
I(LED1)
200mA/div
100us/div
PWM1
5V/div
LED1
10V/div
FAULTB
5V/div
I(LED1)
200mA/div
100us/div
PWM1
5V/div
LED1
10V/div
I(LED1)
200mA/div
FAULTB
5V/div
400us/div
PWM1
5V/div
LED1
10V/div
I(LED1)
200mA/div
FAULTB
5V/div
1ms/div
VIN
10V/div
EN/PWM1
5V/div
LED1
5V/div
I(LED1)
200mA/div
40us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com