Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1792 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1792 Datasheet HTML 1Page - Diodes Incorporated AL1792 Datasheet HTML 2Page - Diodes Incorporated AL1792 Datasheet HTML 3Page - Diodes Incorporated AL1792 Datasheet HTML 4Page - Diodes Incorporated AL1792 Datasheet HTML 5Page - Diodes Incorporated AL1792 Datasheet HTML 6Page - Diodes Incorporated AL1792 Datasheet HTML 7Page - Diodes Incorporated AL1792 Datasheet HTML 8Page - Diodes Incorporated AL1792 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
1 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Single/Dual/Triple/Quad-Channel Current-Ratio-Optimized LED Driver
with Analog and PWM Dimming
U-DFN-4030-14
Description
The AL1791/1792/1793/1794 (or collectively AL179x), a single/multi-
channel LED driver with analog and PWM dimming control, is
targeted for Tunable White/Color Smart Lighting application. It serves
as the LED driving element along with AC-DC Power Conversion
Block and Intelligent wireless MCU as an emerging smart-connected
lighting system configuration. The key merits attribute to cost-
effectiveness, dimming performance, low standby power, ease of
system implementation, and great scalability. AL1791, AL1792,
AL1793, and AL1794 are 1-channel, 2-channel, 3-channel, and 4-
channel LED drivers, respectively.
The IC is available in U-DFN-4030-14 package.
Features
Input Voltage Range: 6.5V to 30V
1/2/3/4-channel LED drivers: independent Analog or PWM
dimming control for each channel
Reference Current: Adjustable by an external reference resistor
Ratio-optimized currents for 4 independent LED channels
(AL1794 only): Suitable for Tunable White and Tunable Color
Low Standby Power: With EN pin
E-flicker free High Frequency PWM dimming with Deep Dimming
Capability: Support 10KHz down to 1.0%, 4KHz down to 0.4%,
or 1KHz down to 0.1%
Internal Protections: Under Voltage Lockout (UVLO), LED string
open/short protection
Over-temperature protection (OTP): Thermal shutdown and auto
thermal recovery
Fault Reporting: UVLO, OTP, Open, and Short LED Power
Good Reporting
Low system BOM cost
Ambient Temperature Range -40°C to +125°C
U-DFN4030-14:
Available in “Green” Molding Compound (No Br,
Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
H
alogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Top View
(U-DFN4030-14)
Applications
1-Channel Dimmable Smart Connected Light (SCL)
Bulbs
2-Channel Tunable White SCL Bulbs
3-Channel Tunable White or Color SCL Bulbs
4-Channel Tunable White+Color SCL Bulbs
Smart Connected LED Tubes, Panel Lights, Troffers, and Ceiling
Lights
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green",
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
EN
PWM4/GND
PWM3/GND
PWM2/GND
PWM1
LED1
LED2/GND
VIN
REF
FAULTB
LEDPG
LED4/GND
LED3/GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - AL1792

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1794AFE-13 DIODES-AL1794AFE-13 Datasheet
910Kb / 13P
Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Rev 1
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Rev 1
More results

Similar Description - AL1792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
PWM dimming control
logo
Texas Instruments
TPS92518 TI1-TPS92518 Datasheet
1Mb / 59P
Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Rev 1
logo
CINCON ELECTRONICS Corp...
PDM CINCON-PDM Datasheet
222Kb / 2P
PWM Dimming Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com