Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS358 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS358 Datasheet HTML 1Page - Diodes Incorporated AS358 Datasheet HTML 2Page - Diodes Incorporated AS358 Datasheet HTML 3Page - Diodes Incorporated AS358 Datasheet HTML 4Page - Diodes Incorporated AS358 Datasheet HTML 5Page - Diodes Incorporated AS358 Datasheet HTML 6Page - Diodes Incorporated AS358 Datasheet HTML 7Page - Diodes Incorporated AS358 Datasheet HTML 8Page - Diodes Incorporated AS358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 5 - 2
1 of 19
www.diodes.com
October 2015
© Diodes Incorporated
AS358/358A/358B
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Description
The AS358/358A/358B consists of two independent, high gain and
internally frequency compensated operational amplifiers, they are
specifically designed to operate from a single power supply.
Operation from split power supply is also possible and the low power
supply current drain is independent of the magnitude of the power
supply voltages. Typical applications include transducer amplifiers,
DC gain blocks and most conventional operational amplifier circuits.
The AS358/358A/358B series is compatible with industry standard
358. The AS358A has more stringent input offset voltage than the
AS358.
The AS358 is available in DIP-8, TDIP-8, SOIC-8, TSSOP-8 and
MSOP-8 packages, the AS358A is available in DIP-8 and SOIC-8
packages and AS358B is available in TSSOP-8 package.
Features
Internally Frequency Compensated for Unity Gain
Large Voltage Gain: 100dB (Typical)
Low Input Bias Current: 20nA (Typical)
Low Input Offset Voltage: 2mV (Typical)
Low Supply Current: 0.5mA (Typical)
Wide Power Supply Voltage:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
Input Common Mode Voltage Range Includes Ground
Large Output Voltage Swing: 0V to VCC -1.5V
Lead-Free Packages: SOIC-8, DIP-8, TSSOP-8 and MSOP-8
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-
Free Packages, Available in “Green” Molding Compound:
SOIC-8, DIP-8, TDIP-8, TSSOP-8 and MSOP-8
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
(SOIC-8/TSSOP-8/MSOP-8)
(Top View)
(DIP-8/TDIP-8)
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
8
7
6
5
INPUT 1-
INPUT 1+
OUTPUT 1
VCC
OUTPUT 2
INPUT 2-
INPUT 2+
GND
INPUT 1-
INPUT 1+
OUTPUT 1
VCC
OUTPUT 2
INPUT 2-
INPUT 2+
GND
1
2
3
4
8
7
6
5


Similar Part No. - AS358

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS358 BCDSEMI-AS358 Datasheet
276Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358 BCDSEMI-AS358 Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358 DIODES-AS358 Datasheet
571Kb / 19P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Rev 6
logo
BCD Semiconductor Manuf...
AS358,358A BCDSEMI-AS358,358A Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
DIGITAL TIME/SPACE CROSSPOINT SWITCH
More results

Similar Description - AS358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com