Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS358 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AS358 Datasheet HTML 7Page - Diodes Incorporated AS358 Datasheet HTML 8Page - Diodes Incorporated AS358 Datasheet HTML 9Page - Diodes Incorporated AS358 Datasheet HTML 10Page - Diodes Incorporated AS358 Datasheet HTML 11Page - Diodes Incorporated AS358 Datasheet HTML 12Page - Diodes Incorporated AS358 Datasheet HTML 13Page - Diodes Incorporated AS358 Datasheet HTML 14Page - Diodes Incorporated AS358 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 5 - 2
11 of 19
www.diodes.com
October 2015
© Diodes Incorporated
AS358/358A/358B
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: DIP-8
4°
6°
R0.750(0.030)
0.254(0.010)TYP
0.130(0.005)MIN
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
7.620(0.300)TYP
4°
6°
5°
0.700(0.028)
9.000(0.354)
9.600(0.378)
3.710(0.146)
4.310(0.170)
3.000(0.118)
3.600(0.142)
0.360(0.014)
0.560(0.022)
2.540(0.100) TYP
6.200(0.244)
6.600(0.260)
3.200(0.126)
3.600(0.142)
0.510(0.020)MIN
Φ3.000(0.118)
Depth
0.100(0.004)
0.200(0.008)
1.524(0.060) TYP
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com