Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS358 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AS358 Datasheet HTML 10Page - Diodes Incorporated AS358 Datasheet HTML 11Page - Diodes Incorporated AS358 Datasheet HTML 12Page - Diodes Incorporated AS358 Datasheet HTML 13Page - Diodes Incorporated AS358 Datasheet HTML 14Page - Diodes Incorporated AS358 Datasheet HTML 15Page - Diodes Incorporated AS358 Datasheet HTML 16Page - Diodes Incorporated AS358 Datasheet HTML 17Page - Diodes Incorporated AS358 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 5 - 2
14 of 19
www.diodes.com
October 2015
© Diodes Incorporated
AS358/358A/358B
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(4)
Package Type: TSSOP-8
0.190(0.007)
0.300(0.012)
SEE DETAIL A
DETAIL A
2.900(0.114)
0.050(0.002)
0.150(0.006)
1.200(0.047)
MAX
1.950(0.077)
0 °
8 °
12 °
TOP & BOTTOM
R0.090(0.004)
0.450(0.018)
0.750(0.030)
1.000(0.039)
0.800(0.031)
1.050(0.041)
0.090(0.004)
0.200(0.008)
GAGE PLANE
SEATING
PLANE
0.250(0.010)
3.100(0.122)
TYP
TYP
R0.090(0.004)
REF
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com