Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA506 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA506
Description  40V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA506 Datasheet HTML 3Page - STMicroelectronics STA506 Datasheet HTML 4Page - STMicroelectronics STA506 Datasheet HTML 5Page - STMicroelectronics STA506 Datasheet HTML 6Page - STMicroelectronics STA506 Datasheet HTML 7Page - STMicroelectronics STA506 Datasheet HTML 8Page - STMicroelectronics STA506 Datasheet HTML 9Page - STMicroelectronics STA506 Datasheet HTML 10Page - STMicroelectronics STA506 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
STA506
3
TECHNICAL INFO:
The STA506 is a dual channel H-Bridge that is able to deliver more than 60W per channel (@ THD=10%) of
audio output power in high efficiency.
The STA506 converts both DDX and binary-controlled PWM signals into audio power at the load. It includes a
logic interface , integrated bridge drivers, high efficiency MOSFET outputs and thermal and short circuit protec-
tion circuitry.
In DDX mode, two logic level signals per channel are used to control high-speed MOSFET switches to connect
the speaker load to the input supply or to ground in a Bridge configuration, according to the damped ternary
Modulation operation.
In Binary Mode operation , both Full Bridge and Half Bridge Modes are supported. The STA506 includes over-
current and thermal protection as well as an under-voltage
Lockout with automatic recovery. A thermal warning status is also provided.
Figure 6. STA506 Block Diagram Full-Bridge DDX® or Binary Modes
Figure 7. STA506 Block Diagram Binary Half-Bridge Mode
3.1 Logic Interface and Decode:
The STA506 power outputs are controlled using one or two logic level timing signals. In order to provide a proper
logic interface, the Vbias input must operate at the dame voltage as the DDX control logic supply.
3.2 Protection Circuitry:
The STA506 includes protection circuitry for over-current and thermal overload conditions. A thermal warning
pin (pin.28) is activated low (open drain MOSFET) when the IC temperature exceeds 130C, in advance of the
thermal shutdown protection. When a fault condition is detected , an internal fault signal acts to immediately
disable the output power MOSFETs, placing both H-Bridges in high impedance state. At the same time an open-
drain MOSFET connected to the fault pin (pin.27) is switched on.
Logic I/F
and Decode
Left
H-Bridge
Protection
Circuitry
INL[1:2]
INR[1:2]
PWRDN
OUTPL
FAULT
VL
TRI-STATE
OUTNL
OUTPR
OUTNR
TWARN
Regulators
Right
H-Bridge
Logic I/F
and Decode
LeftA
‰-Bridge
Protection
Circuitry
INL[1:2]
INR[1:2]
PWRDN
OUTPL
FAULT
VL
TRI-STATE
OUTNL
OUTPR
OUTNR
TWARN
Regulators
RightA
‰-Bridge
LeftB
‰-Bridge
RightB
‰-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com