Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA506 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA506
Description  40V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506 Datasheet(HTML) 1 Page - STMicroelectronics

  STA506 Datasheet HTML 1Page - STMicroelectronics STA506 Datasheet HTML 2Page - STMicroelectronics STA506 Datasheet HTML 3Page - STMicroelectronics STA506 Datasheet HTML 4Page - STMicroelectronics STA506 Datasheet HTML 5Page - STMicroelectronics STA506 Datasheet HTML 6Page - STMicroelectronics STA506 Datasheet HTML 7Page - STMicroelectronics STA506 Datasheet HTML 8Page - STMicroelectronics STA506 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
STA506
June 2004
1
FEATURES
■
MINIMUM INPUT OUTPUT PULSE WIDTH
DISTORTION
■
200m
Ω RdsON COMPLEMENTARY DMOS
OUTPUT STAGE
■
CMOS COMPATIBLE LOGIC INPUTS
■
THERMAL PROTECTION
■
THERMAL WARNING OUTPUT
■
UNDER VOLTAGE PROTECTION
■
SHORT CIRCUIT PROTECTION
2
DESCRIPTION
STA506 is a monolithic quad half bridge stage in Mul-
tipower BCD Technology.
The device can be used as dual bridge or reconfig-
ured, by connecting CONFIG pin to Vdd pin, as single
bridge with double current capability, and as half
bridge (Binary mode) with half current capability. The
device is particularly designed
Table 1. Order Code
to make the output stage of a stereo All-Digital High
Efficiency (DDX™) amplifier capable to deliver 60 +
60W @ THD = 10% at Vcc 32V output power on 8Ω
load and 80W @ THD = 10% at VCC 36V on 8Ω load
in single BTL configuration. In single BTL configura-
tion is also capable to deliver a peak of 120W @THD
= 10% at VCC = 32V on 4Ω load (t ≤1sec). The input
pins have threshold proportional to VL pin voltage.
Part Number
Package
STA506
PowerSO36
PowerSO36
40V 4A QUAD POWER HALF BRIDGE
Figure 1. APPLICATION CIRCUIT (Dual BTL)
L18 22
µH
L19 22
µH
C30
1
µF
C20
100nF
C99
100nF
C101
100nF
C107
100nF
C106
100nF
C23
470nF
C55
1000
µF
C21
100nF
C58
100nF
C58
100nF
R57
10K
R59
10K
R63
20
R98
6
R100
6
C53
100nF
C60
100nF
C31
1
µF
C52
330pF
R104
20
C109
330pF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN2A
IN1B
IN2A
IN2B
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
L113 22
µH
L112 22
µH
C32
1
µF
+VCC
C108
470nF
C33
1
µF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D00AU1148B
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C110
100nF
C111
100nF
R103
6
R102
6
8
Ω
8
Ω
MULTIPOWER BCD TECHNOLOGY
REV. 4


Similar Part No. - STA506

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
STA5063Z RFMD-STA5063Z Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA5063ZPCK-EVB1 RFMD-STA5063ZPCK-EVB1 Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA5063ZPCK-EVB2 RFMD-STA5063ZPCK-EVB2 Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA5063ZSQ RFMD-STA5063ZSQ Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA5063ZSR RFMD-STA5063ZSR Datasheet
585Kb / 10P
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
More results

Similar Description - STA506

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
STMicroelectronics
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
40V 3.5A DOUBLE POWER HALF BRIDGE
Dec-2003
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
40V 3.5A quad power half bridge
18-May-2006
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
45V 4A QUAD POWER HALF BRIDGE
Nov-2004
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Monolithic Power System...
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com