Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA506 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA506
Description  40V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA506 Datasheet HTML 6Page - STMicroelectronics STA506 Datasheet HTML 7Page - STMicroelectronics STA506 Datasheet HTML 8Page - STMicroelectronics STA506 Datasheet HTML 9Page - STMicroelectronics STA506 Datasheet HTML 10Page - STMicroelectronics STA506 Datasheet HTML 11Page - STMicroelectronics STA506 Datasheet HTML 12Page - STMicroelectronics STA506 Datasheet HTML 13Page - STMicroelectronics STA506 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
STA506
Figure 11. THD+N vs Frequency
Figure 12. Output Power vs Vsupply
Figure 13. THD+N vs Output Power
Figure 14. THD+N vs Output Power
Table 10. THD+N vs Output PowerRevision
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
Vcc=32V
Rl=8ohm
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
Vcc=32V
Rl=8ohm
10
80
20
30
40
50
60
70
Po(W)
+14
+36
+16+18
+20
+22
+24+26
+28+30
+32
+34
Vsupply(V)
Rl=8ohm
F=1KHz
THD=1%
THD=10%
10
80
20
30
40
50
60
70
Po(W)
+14
+36
+16+18
+20
+22
+24+26
+28+30
+32
+34
Vsupply(V)
Rl=8ohm
F=1KHz
THD=1%
THD=10%
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
Vcc=34V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
Vcc=34V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Vcc=36V
Rl=8ohm
F=1KHz
THD(%)
Pout(W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Vcc=36V
Rl=8ohm
F=1KHz
THD(%)
Pout(W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
THD(%)
Vcc=32V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
THD(%)
Vcc=32V
Rl=8ohm
F=1KHz
The following measures are related to the application using STA308A driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com