Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM811 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM811
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM811 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM811 Datasheet HTML 10Page - STMicroelectronics STM811 Datasheet HTML 11Page - STMicroelectronics STM811 Datasheet HTML 12Page - STMicroelectronics STM811 Datasheet HTML 13Page - STMicroelectronics STM811 Datasheet HTML 14Page - STMicroelectronics STM811 Datasheet HTML 15Page - STMicroelectronics STM811 Datasheet HTML 16Page - STMicroelectronics STM811 Datasheet HTML 17Page - STMicroelectronics STM811 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
STM809/810/811/812
PART NUMBERING
Table 8. Ordering Information Scheme
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
STM8XX
L
WX
6
F
Device Type
STM8XX
Reset Threshold Voltage
L = VRST = 4.50V to 4.75V
M = VRST = 4.25V to 4.50V
T = VRST = 3.00V to 3.15V
S = VRST = 2.85V to 3.00V
R = VRST = 2.55V to 2.70V
Package
WX = SOT23-3 (STM809, STM810)
W1 = SOT143-4 (STM811, STM812)
Temperature Range
6 = –40 to 85°C
Shipping Method
F = Pb-Free Package (ECO
PACK®), Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com