Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM811 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM811
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM811 Datasheet(HTML) 1 Page - STMicroelectronics

  STM811 Datasheet HTML 1Page - STMicroelectronics STM811 Datasheet HTML 2Page - STMicroelectronics STM811 Datasheet HTML 3Page - STMicroelectronics STM811 Datasheet HTML 4Page - STMicroelectronics STM811 Datasheet HTML 5Page - STMicroelectronics STM811 Datasheet HTML 6Page - STMicroelectronics STM811 Datasheet HTML 7Page - STMicroelectronics STM811 Datasheet HTML 8Page - STMicroelectronics STM811 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
November 2004
STM809, STM810
STM811, STM812
Reset Circuit
FEATURES SUMMARY
■
PRECISION MONITORING OF 3V, 3.3V, and
5V SUPPLY VOLTAGES
■
TWO OUTPUT CONFIGURATIONS
–
Push-pull RST Output (STM809/811)
–
Push-pull RST Output (STM810/812)
■
140ms RESET PULSE WIDTH (MIN)
■
LOW SUPPLY CURRENT - 6µA (TYP)
■
GUARANTEED RST/RST ASSERTION
DOWN TO VCC = 1.0V
■
OPERATING TEMPERATURE:
–40°C to 85°C (Industrial Grade)
■
LEAD-FREE, SMALL SOT23 and SOT143
PACKAGE
Table 1. Device Options
Figure 1. Packages
Active-
Low
RESET
Active-
High
RESET
Manual
RESET
Input
Package
STM809
✔
SOT23-3
STM810
✔
SOT23-3
STM811
✔✔
SOT143-4
STM812
✔✔
SOT143-4
SOT23-3 (WX)
SOT143-4 (W1)


Similar Part No. - STM811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM811 STMICROELECTRONICS-STM811 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
More results

Similar Description - STM811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com