Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM811 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM811
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM811 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM811 Datasheet HTML 10Page - STMicroelectronics STM811 Datasheet HTML 11Page - STMicroelectronics STM811 Datasheet HTML 12Page - STMicroelectronics STM811 Datasheet HTML 13Page - STMicroelectronics STM811 Datasheet HTML 14Page - STMicroelectronics STM811 Datasheet HTML 15Page - STMicroelectronics STM811 Datasheet HTML 16Page - STMicroelectronics STM811 Datasheet HTML 17Page - STMicroelectronics STM811 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
STM809/810/811/812
16/18
Table 9. Marking Description
Part Number
Reset Threshold
Output
Topside Marking
STM809L
4.63V
Push-Pull RST
8AAx
STM809M
4.38V
Push-Pull RST
8ABx
STM809T
3.08V
Push-Pull RST
8ACx
STM809S
2.93V
Push-Pull RST
8ADx
STM809R
2.63V
Push-Pull RST
8AEx
STM810L
4.63V
Push-Pull RST
8AFx
STM810M
4.38V
Push-Pull RST
8AGx
STM810T
3.08V
Push-Pull RST
8AHx
STM810S
2.93V
Push-Pull RST
8AJx
STM810R
2.63V
Push-Pull RST
8AKx
STM811L
4.63V
Push-Pull RST
8ALx
STM811M
4.38V
Push-Pull RST
8AMx
STM811T
3.08V
Push-Pull RST
8ANx
STM811S
2.93V
Push-Pull RST
8APx
STM811R
2.63V
Push-Pull RST
8AQx
STM812L
4.63V
Push-Pull RST
8ARx
STM812M
4.38V
Push-Pull RST
8ASx
STM812T
3.08V
Push-Pull RST
8ATx
STM812S
2.93V
Push-Pull RST
8AUx
STM812R
2.63V
Push-Pull RST
8AVx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com