Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2112 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DGD2112
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2112 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DGD2112 Datasheet HTML 4Page - Diodes Incorporated DGD2112 Datasheet HTML 5Page - Diodes Incorporated DGD2112 Datasheet HTML 6Page - Diodes Incorporated DGD2112 Datasheet HTML 7Page - Diodes Incorporated DGD2112 Datasheet HTML 8Page - Diodes Incorporated DGD2112 Datasheet HTML 9Page - Diodes Incorporated DGD2112 Datasheet HTML 10Page - Diodes Incorporated DGD2112 Datasheet HTML 11Page - Diodes Incorporated DGD2112 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DGD2110/2113
Document Number DS38271 Rev. 4 - 2
11 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2110/2113
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
SO-16 (Type TH)
Dim
Min
Max
Typ
A
2.36
2.64
--
A1
0.10
0.30
--
b
0.33
0.51
--
c
0.229
0.318
--
D
10.11
10.46 10.29
E
10.01
10.64 10.33
E1
7.42
7.59
7.52
e
--
--
1.27
h
--
--
0.48
L
0.41
1.27
--
Ø
0
8
--
All Dimensions in mm
Dimensions Value (in mm)
C
1.27
C1
5.20
X
0.60
Y
2.20
b
e
E1
A1
Ø
h
L
Seating Plane
Gauge Plane
D
E
A
0.25
c
X
Y
C
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com