Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2112 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DGD2112
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2112 Datasheet(HTML) 3 Page - Diodes Incorporated

  DGD2112 Datasheet HTML 1Page - Diodes Incorporated DGD2112 Datasheet HTML 2Page - Diodes Incorporated DGD2112 Datasheet HTML 3Page - Diodes Incorporated DGD2112 Datasheet HTML 4Page - Diodes Incorporated DGD2112 Datasheet HTML 5Page - Diodes Incorporated DGD2112 Datasheet HTML 6Page - Diodes Incorporated DGD2112 Datasheet HTML 7Page - Diodes Incorporated DGD2112 Datasheet HTML 8Page - Diodes Incorporated DGD2112 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DGD2110/2113
Document Number DS38271 Rev. 4 - 2
3 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2110/2113
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
High-side floating supply voltage (DGD2110)
VB
-0.3 to +524
V
High-side floating supply voltage (DGD2113)
VB
-0.3 to +624
V
High-side floating supply offset voltage
VS
VB-24 to VB+0.3
V
High-side floating output voltage
VHO
VS-0.3 to VS+0.3
V
Offset supply voltage transient
dVS / dt
50
V/ns
Low-side fixed supply voltage
VCC
-0.3 to +24
V
Low-side output voltage
VLO
-0.3 to VCC+0.3
V
Logic supply voltage
VDD
-0.3 to VSS+24
V
Logic supply offset voltage
VSS
VCC-24 to VCC+0.3
V
Logic input voltage (HIN, LIN and SD)
VIN
VSS-0.3 to VDD+0.3
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation Linear derating factor (Note 5)
PD
1.25
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
90
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
45
°C/W
Operating Temperature
TJ
+150
°C
Lead Temperature (soldering, 10 seconds)
TL
+300
Storage Temperature Range
TSTG
-55 to +150
Note:
5. When mounted on a standard JEDEC 2-layer FR-4 board.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
High-side floating supply absolute voltage
VB
VS + 10
VS + 20
V
High-side floating supply offset voltage
DGD2110
VS
(Note 6)
500
V
High-side floating supply offset voltage
DGD2113
VS
(Note 6)
600
V
High-side floating output voltage
VHO
VS
VB
V
Low-side fixed supply voltage
VCC
10
20
V
Low-side output voltage
VLO
0
VCC
V
Logic supply voltage
VDD
VSS + 3
VSS + 20
V
Logic supply offset voltage
VSS
-5 (Note 7)
5
V
Logic input voltage (HIN, LIN and SD)
VIN
VSS
VDD
V
Ambient temperature
TA
-40
+125
°C
Notes:
6. Logic operation for VS = -4V to +500V. Logic state held for VS = -4V to -VBS.
7. When VDD <5V, the minumum VSS offset is limited to -VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com