Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2112 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2112
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2112 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2112 Datasheet HTML 1Page - Diodes Incorporated DGD2112 Datasheet HTML 2Page - Diodes Incorporated DGD2112 Datasheet HTML 3Page - Diodes Incorporated DGD2112 Datasheet HTML 4Page - Diodes Incorporated DGD2112 Datasheet HTML 5Page - Diodes Incorporated DGD2112 Datasheet HTML 6Page - Diodes Incorporated DGD2112 Datasheet HTML 7Page - Diodes Incorporated DGD2112 Datasheet HTML 8Page - Diodes Incorporated DGD2112 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DGD2110/2113
Document Number DS38271 Rev. 4 - 2
4 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2110/2113
DC Electrical Characteristics (VBIAS (VCC, VBS, VDD) = 15V, VSS = COM, @TA = +25°C unless otherwise specified.) (Note 8)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” input voltage
VIH
9.5
–
–
V
–
Logic “0” input voltage
VIL
–
–
6.0
V
–
High level output voltage, VBIAS - VO
VOH
–
–
1.4
V
IO = 0mA
Low level output voltage, VO
VOL
–
–
0.15
V
IO = 20mA
Offset supply leakage current
ILK
–
–
50
µA
VB = VS = 500V/600V
Quiescent VBS supply current
IBSQ
–
55
230
µA
VIN = 0V or VDD
Quiescent VCC supply current
ICCQ
–
56
340
µA
VIN = 0V or VDD
Quiescent VDD supply current
IDDQ
–
0.6
30
µA
VIN = 0V or VDD
Logic “1” input bias current
IIN+
–
20
40
µA
VIN = VDD
Logic “0” input bias current
IIN-
–
–
5.0
µA
VIN = 0V
VBS supply undervoltage positive going threshold
VBSUV+
7.5
8.6
9.7
V
–
VBS supply undervoltage negative going threshold
VBSUV-
7.0
8.2
9.4
V
–
VCC supply undervoltage positive going threshold
VCCUV+
7.4
8.5
9.6
V
–
VCC supply undervoltage negative going threshold
VCCUV-
7.0
8.2
9.4
V
–
Output high short circuit pulsed current
IO+
2.0
2.5
–
A
VO = 0V, VIN = VDD,
PW ≤ 10µs
Output low short circuit pulsed current
IO-
2.0
2.5
–
A
VO = 15V, VIN = 0V,
PW ≤ 10µs
Note:
8. The VIN and IIN parameters are referenced to VSS and are applicable to all three logic input pins: HIN, LIN and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output pins: HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS, VDD) = 15V, CL = 1000pF, VSS = COM, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on propagation delay
tON
–
105
150
ns
VS = 0V
Turn-off propagation delay
tOFF
–
94
125
ns
VS = 500V/600V
Shut down propagation delay
tSD
–
70
140
ns
VS = 500V/600V
Turn-on rise time
tr
–
15
35
ns
–
Turn-off fall time
tf
–
13
25
ns
–
Delay matching
DGD2110
tDM
–
–
10
ns
–
Delay matching
DGD2113
tDM
–
–
20
ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com