Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223XH Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV223XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV223XH Datasheet HTML 25Page - STMicroelectronics STV223XH Datasheet HTML 26Page - STMicroelectronics STV223XH Datasheet HTML 27Page - STMicroelectronics STV223XH Datasheet HTML 28Page - STMicroelectronics STV223XH Datasheet HTML 29Page - STMicroelectronics STV223XH Datasheet HTML 30Page - STMicroelectronics STV223XH Datasheet HTML 31Page - STMicroelectronics STV223XH Datasheet HTML 32Page - STMicroelectronics STV223XH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
29/86
4.4.7 SIF Amplifier
Note 5: L standard Sc/Pc = -10 dB, Nyquist Pc = -6 dB, SIF input -4 dB with PIF input = 84 µV, BG standard Sc/Pc = -
13 dB, Nyquist Pc = -6 dB, SIF input -7 dB with PIF input = 85 µV.
Note 6: This parameter is not tested during production. It is tested on the validation bench during the qualification phase.
4.4.8 SIF AGC (FM)
4.4.9 SIF AGC (AM)
4.4.10 FM Demodulator
Electrical parameter valid in both QSS and Intercarrier modes, unless otherwise specified.
4.4.11 De-emphasis
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VINSIF
SIF Input Sensitivity
- 3dB at AM/FMOUT Pin (see Note 5)
AM output amplitude,
FM subcarrier amplitude
55
40
µVRMS
GRSIF
Gain Control Range
- 3dB to +1dB at AM/FMOUT Pin
60
dB
CINSIF
Differential Input Capacitance
SIF Inputs (see Note 6)
1.5
2
2.5
pF
RINSIF
Differential Input Resistance
SIF Inputs
1.5
2
2.5
k
W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC
Charging Current
2.4
mA
ID
Discharging Current
100
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INORMAL
Charging/Discharging Current
Normal time constant
±6
µA
IFAST
Charging/Discharging Current
Fast time constant
±2.4
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SIFMin
Min. Broadcast Sound/Video Carri-
er Ratio
Intercarrier mode: SAW filter K2955M
at SNR 35 dB
-30
dB
VOAF
FM Audio Output Amplitude at AM/
FMOUT Pin
FM dev = ±27 kHz BGDKI
FM dev = ±13.5 kHz MN
400
500
630
mVRMS
DFMX
_norm
Maximum FM Deviation
THD < 10%, normal audio mode,
AF = 1 kHz
200
kHz
DFMX
_w_qss
Maximum FM Deviation
QSS mode, Audio FM Wide mode
(reg 04h, d3d2 = 11),
AF = 1 kHz
400
kHz
THD_FM
Total Harmonic Distortion
FM dev = ±27 kHz BGDKI
0.3
1
%
S/N
Audio S/N
Weighted according to CCIR468-4
Quasi-Peak
55
dB
AMR
Amplitude Modulation Rejection
m = 30%, AF = 1 kHz
32
dB
SVR
Supply Voltage Rejection
See Note 4
45
dB
S/N
vsvideo
S/N versus picture content, Inter-
carrier mode
Intercarrier mode: SAW filter K2955M
Black picture,
White picture,
250 kHz squarewave
52
50
52
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
deemp-T1 De-emphasis Time Constant
B,G,D,K,I standards
50
µs
deemp-T2 De-emphasis Time Constant
M, N, standards
75
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com