Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223XH Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV223XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XH Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV223XH Datasheet HTML 29Page - STMicroelectronics STV223XH Datasheet HTML 30Page - STMicroelectronics STV223XH Datasheet HTML 31Page - STMicroelectronics STV223XH Datasheet HTML 32Page - STMicroelectronics STV223XH Datasheet HTML 33Page - STMicroelectronics STV223XH Datasheet HTML 34Page - STMicroelectronics STV223XH Datasheet HTML 35Page - STMicroelectronics STV223XH Datasheet HTML 36Page - STMicroelectronics STV223XH Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
33/86
4.5.7 External RGB/YCrCb Inputs
4.5.8 External Fast Blanking Input
(See Note 8)
Note 8: The FBEXT input must be connected to ground if not used in the application.
4.6 LUMA PART
4.6.1 Y Delay Line
4.6.2 Peaking Circuit
Electrical parameter measured with color identified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Clamp Level
Max. Contrast
3.5
V
VRGB
RGB Input Voltage
0.7
1
VPP
VYCrCb
YCrCb Input Voltage
100% color bar
register 0Ahex d7d6 = 11
Y
Cr
Cb
1
0.7
0.7
VPP
CRGB
RGB Gain
Max. Contrast, Max. Drive
4.28
-
Dblack
Difference of black level of internal
and external signals at the RGB out-
puts
OSD signal versus internal signal
50
mV
IRGB
Clamping Current
60
100
140
µA
Crosstalk Deletion of non-selected RGB source From 0 to 5 MHz
50
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTHFB
Insertion Threshold Voltage
0.5
0.7
0.85
V
tSWI
Insertion Switching Delay
20
40
ns
IFB
Input Current
0V at Pin FBEXT
10
µA
VMAX
Max. voltage allowed at FBEXT input
5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tD1
Delay Time PAL/NTSC
SVHS mode, Register 1F d3 = 0
520
ns
tD2
Delay Time SECAM
SVHS mode, Register 1F d3 = 0
640
ns
tD3
Delay Time PAL/NTSC
CVBS mode, Register 1F d3 = 0
560
ns
tD4
Delay Time SECAM
CVBS mode, Register 1F d3 = 0
710
ns
tSHIFT
Delay Time (lumDel1 - lumDel2)
lumDel1 = reg 1F d3 = 0, standard
luma delay
lumDel2 = reg 1F d3 = 1, shifted luma
delay
140
ns
Groupdel
Group Delay up to 3.5MHz
Trap-off
±30
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fPEAK
Center Frequency
Trap-off, coring ON
2.5
3
3.5
MHz
GPEAK
Gain Variation from Min. to Max.
peaking
At fPEAK, coring ON
9
dB
Overshoot
Amplitude Variation compared to
B/W amplitude
2T pulse, Max. peaking, coring ON
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com