Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223XH Datasheet(PDF) 41 Page - STMicroelectronics

Part # STV223XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XH Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STV223XH Datasheet HTML 37Page - STMicroelectronics STV223XH Datasheet HTML 38Page - STMicroelectronics STV223XH Datasheet HTML 39Page - STMicroelectronics STV223XH Datasheet HTML 40Page - STMicroelectronics STV223XH Datasheet HTML 41Page - STMicroelectronics STV223XH Datasheet HTML 42Page - STMicroelectronics STV223XH Datasheet HTML 43Page - STMicroelectronics STV223XH Datasheet HTML 44Page - STMicroelectronics STV223XH Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
41/86
4.10.12 RGB Outputs
Figure 12. Black Stretch Static Characteristics
(IRE)
Figure 13. Auto Flesh Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VB/W
Output Signal Amplitude B/W
0.7V B/W on Y/CVBS inputs, Contrast
Max., Drive Max., Saturation and
bright Nom., APR OFF, no load
2.8
V
VBLUE
Output Signal Amplitude
75/100 color bar, no Y nom. settings,
APR OFF, no load
1.5
VPP
ISINK
Output Sinking Current
1.2
1.5
mA
ISOURCE
Output Source Current
1.8
mA
ROUT
Internal Output Resistance
150
W
VBLANK
Blanking Level
No load
0.2
0.4
V
VCLIP
High Clipping Level
No load
6.8
V
Black-ctr
Variation of black level with contrast
30
mV
Black-sat
Variation of black level with satura-
tion
50
mV
Rel-Black
Relative Variation in black level be-
tween the three channels
20dB contrast variation
Overall brightness range
±5% VCC1
20
mV
Black-T
Black Level Thermal Drift
1
mV/°C
Track
Tracking between Luminance and
Chrominance signals
At typical saturation
From Max. Contrast (0 dB) to -10 dB
Contrast
2dB
Bwidth
Bandwidth of output signals at -3dB
YUV inputs to RGB outputs
OSD RGB inputs to RGB outputs
EXT. RGB inputs to RGB outputs
6
6
5
8
8
6
MHz
100
-15
0
50
50
100
YOUT(%)
YIN(%)
-20
-10
0
10
20
Phase Correction (Deg)
0
90
210
240
60
150
30
120
180
Chroma Input
Phase (Deg)
Narrow
Response
Wide Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com