Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55VCM208ASTN40 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC55VCM208ASTN40
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM208ASTN40 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC55VCM208ASTN40 Datasheet HTML 1Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC55VCM208ASTN40,55
2003-08-11
4/12
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
= −40° to 85°C, VDD = 2.7 to 3.6 V)
READ CYCLE
TC55VCM208ASTN
40
55
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
40
55
tACC
Address Access Time
40
55
tCO1
Chip Enable(
1
CE ) Access Time
40
55
tCO2
Chip Enable(CE2) Access Time
40
55
tOE
Output Enable Access Time
25
30
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
20
25
tODO
Output Enable High to Output High-Z
20
25
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55VCM208ASTN
40
55
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
40
55
tWP
Write Pulse Width
30
40
tCW
Chip Enable to End of Write
35
45
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
20
25
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
20
25
tDH
Data Hold Time
0
0
ns
Note:
tOD, tODO and tODW are specified in time when an output becomes high impedance, and are not judged depending on an
output voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com