Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55VCM208ASTN40 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC55VCM208ASTN40
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM208ASTN40 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC55VCM208ASTN40 Datasheet HTML 1Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC55VCM208ASTN40,55
2003-08-11
1/12
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
DESCRIPTION
The TC55VCM208ASTN is a 4,194,304-bit static random access memory (SRAM) organized as 524,288 words by
8 bits. Fabricated using Toshiba's CMOS Silicon gate process technology, this device operates from a single 2.3 to
3.6 V power supply. Advanced circuit technology provides both high speed and low power at an operating current of
3 mA/MHz and a minimum cycle time of 40 ns. It is automatically placed in low-power mode at 0.7
µA standby
current (at VDD
= 3 V, Ta = 25°C, typical) when chip enable ( CE1 ) is asserted high or (CE2) is asserted low. There
are three control inputs. CE1 and CE2 are used to select the device and for data retention control, and output
enable ( OE ) provides fast memory access. This device is well suited to various microprocessor system applications
where high speed, low power and battery backup are required. And, with a guaranteed operating extreme
temperature range of
−40° to 85°C, the TC55VCM208ASTN can be used in environments exhibiting extreme
temperature conditions. The TC55VCM208ASTN is available in a plastic 40-pin thin-small outline package
(TSOP).
FEATURES
• Low-power dissipation
Operating: 9 mW/MHz (typical)
• Single power supply voltage of 2.3 to 3.6 V
• Power down features using CE1 and CE2
• Data retention supply voltage of 1.5 to 3.6 V
• Direct TTL compatibility for all inputs and outputs
• Wide operating temperature range of −40° to 85°C
• Standby Current (maximum):
3.6 V
10
µA
3.0 V
5
µA
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
40 PIN TSOP
A0~A18
Address Inputs
1
CE , CE2
Chip Enable
R/W
Read/Write Control
OE
Output Enable
LB , UB
Data Byte Control
I/O1~I/O16
Data Inputs/Outputs
VDD
Power
GND
Ground
NC
No Connection
OP*
Option
*: OP pin must be open or connected to GND.
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Pin Name
A16
A15
A14
A13
A12
A11
A9
A8
R/W
CE2
OP
NC
A18
A7
A6
A5
A4
A3
A2
A1
Pin No.
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
Pin Name
A0
CE1
GND
OE
I/O1
I/O2
I/O3
I/O4
NC
VDD VDD I/O5
I/O6
I/O7
I/O8
A10
NC
NC
GND
A17
• Access Times:
TC55VCM208ASTN
40
55
Access Time
40 ns
55 ns
1
CE
Access Time
40 ns
55 ns
CE2
Access Time
40 ns
55 ns
OE
Access Time
25 ns
30 ns
• Package:
TSOPⅠ40-P-1014-0.50
(Weight:0.30 g typ)
(Normal)
21
40
20
1


Similar Part No. - TC55VCM208ASTN40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN55 TOSHIBA-TC55VCM216ASTN55 Datasheet
201Kb / 14P
TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55VCM208ASTN40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V4000ST-70 TOSHIBA-TC55V4000ST-70 Datasheet
169Kb / 10P
524,288-WORD BY 8-BIT STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
524,288-WORD BY 8-BIT STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com