Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55VCM208ASTN40 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC55VCM208ASTN40
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM208ASTN40 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC55VCM208ASTN40 Datasheet HTML 1Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM208ASTN40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC55VCM208ASTN40,55
2003-08-11
2/12
BLOCK DIAGRAM
OPERATING MODE
MODE
1
CE
CE2
OE
R/W
I/O1~I/O8
POWER
Read
L
H
L
H
Output
IDDO
Write
L
H
*
L
Input
IDDO
Output Deselect
L
H
H
H
High-Z
IDDO
H
*
*
*
High-Z
IDDS
Standby
*
L
*
*
High-Z
IDDS
* = don't care
H = logic high
L = logic low
MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
−0.3~4.2
V
VIN
Input Voltage
−0.3*~4.2
V
VI/O
Input/Output Voltage
−0.5~VDD + 0.5
V
PD
Power Dissipation
0.6
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
−55~150
°C
Topr
Operating Temperature
−40~85
°C
*:
−2.0 V when measured at a pulse width of 20ns
COLUMN ADDRESS
BUFFER
A7
I/O1
MEMORY CELL ARRAY
2,048
× 256 × 8
(4,194,304)
COLUMN ADDRESS
DECODER
COLUMN ADDERSS
REGISTER
SENSE AMP
A8
A9
A11
A12
A14
A13
A15
A16
CE
VDD
GND
CE
A6
A18
A2
A0 A1
A17
A3 A4 A5 A10
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
CE
1
CE
R/W
OE
CE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com