Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7409D Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7409D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7409D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7409D Datasheet HTML 10Page - STMicroelectronics TDA7409D Datasheet HTML 11Page - STMicroelectronics TDA7409D Datasheet HTML 12Page - STMicroelectronics TDA7409D Datasheet HTML 13Page - STMicroelectronics TDA7409D Datasheet HTML 14Page - STMicroelectronics TDA7409D Datasheet HTML 15Page - STMicroelectronics TDA7409D Datasheet HTML 16Page - STMicroelectronics TDA7409D Datasheet HTML 17Page - STMicroelectronics TDA7409D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TDA7409
14/25
1.8.2 Center Frequency
Figure 13 shows the four possible center frequencies 10k, 12.5k, 15k and 17.5kHz.
Figure 13. Treble Center Frequencies @ Gain = 15dB
1.9 Speaker Attenuator
Due to practical aspects the steps in the speaker-attenuators are not linear over the full range. At attenuations
more than 24dB the steps increase from 1.5dB to 10dB (please see data byte specification).
1.10 Subwoofer Attenuator
The Subwoofer output is a single ended stereo output. The attenuator is exactly the same like the other speak-
ers.








-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com