Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7409D Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7409D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7409D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7409D Datasheet HTML 11Page - STMicroelectronics TDA7409D Datasheet HTML 12Page - STMicroelectronics TDA7409D Datasheet HTML 13Page - STMicroelectronics TDA7409D Datasheet HTML 14Page - STMicroelectronics TDA7409D Datasheet HTML 15Page - STMicroelectronics TDA7409D Datasheet HTML 16Page - STMicroelectronics TDA7409D Datasheet HTML 17Page - STMicroelectronics TDA7409D Datasheet HTML 18Page - STMicroelectronics TDA7409D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
TDA7409
2.0 I2C BUS INTERFACE
2.1 Interface Protocol
The interface protocol comprises:
s
a start condition (S)
s
a chip address byte (the LSB bit determines read / write transmission)
s
a subaddress byte
s
a sequence of data (N-bytes + acknowledge)
s
a stop condition (P)
s
the max. CLOCK SPEED is 500kbits/s
S = Start
R/W ="0" -> Receive-Mode (Chip could be programmed by P)
"1" -> Transmission-Mode (Data could be received by P)
ACK = Acknowledge
P = Stop
2.2 TRANSMITTED DATA (send mode)
SM = Soft mute activated
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated without new chipaddress.
2.3 Reset Condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 3.5V. After that the following data is written
automatically into the registers of all subaddresses :
The programming after POR is marked bold-face / underlined in the programming tables.
With this programming all the outputs are muted to VREF (VOUT= VDD/2).
Note : All the blank bits in the following tables are "don't care"-bits.
MSB
LSB
XX
X
X
X
X
X
SM
MSB
LSB
11
1
1
1
1
1
0
S
1
0
0
0
1
0
0
R/W
ACK
ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D99AU1044
I3
I0
SUBADDRESS
DATA 1 to DATA n
I2 I1
A3 A2 A1 A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com