Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7409D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7409D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7409D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7409D Datasheet HTML 1Page - STMicroelectronics TDA7409D Datasheet HTML 2Page - STMicroelectronics TDA7409D Datasheet HTML 3Page - STMicroelectronics TDA7409D Datasheet HTML 4Page - STMicroelectronics TDA7409D Datasheet HTML 5Page - STMicroelectronics TDA7409D Datasheet HTML 6Page - STMicroelectronics TDA7409D Datasheet HTML 7Page - STMicroelectronics TDA7409D Datasheet HTML 8Page - STMicroelectronics TDA7409D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TDA7409
4/25
ELECTRICAL CHARACTERISTICS (VS =9V; TAMB=25 ;RL=10kΩ; all gains = 0dB; f = 1kHz; unless otherwise
specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all single ended Inputs
70
100
130
k
Ω
VCL
Clipping Level
2.20
2.60
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
1
dB
GIN MAX
Max. Input Gain
18
20
22
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-10
5
10
mV
Voffset
Remaining offset with AutoZero
0.5
mV
BEEP CONTROL
VRMS
Beep Level
250
350
500
mV
fB
Beep Frequency
fB1
740
781
820
Hz
fB2
1.48
1.56
1.64
kHz
fB3
1.7
1.8
1.9
kHz
MIXING CONTROL
MLEVEL
Mixing Level
Main / Mix-Source
0/00
dB
Main / Mix-Source
-0.5/-
10.6
-3.5/-
9.6
-2.5/-
8.6
dB
Main / Mix-Source
-5/-5
-6/-6
-7/-7
dB
Main / Mix-Source
-11/-
1.5
-12/-
2.5
-13/-
3.5
dB
VOLUME CONTROL
GMAX
Max. Gain
28
30
32
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to +20dB
-1
0
1
dB
G = -80 to -20dB
-4
0
3
dB
ET
Tracking Error
2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com