Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF442MH Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442MH
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442MH Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LF442MH Datasheet HTML 1Page - National Semiconductor (TI) LF442MH Datasheet HTML 2Page - National Semiconductor (TI) LF442MH Datasheet HTML 3Page - National Semiconductor (TI) LF442MH Datasheet HTML 4Page - National Semiconductor (TI) LF442MH Datasheet HTML 5Page - National Semiconductor (TI) LF442MH Datasheet HTML 6Page - National Semiconductor (TI) LF442MH Datasheet HTML 7Page - National Semiconductor (TI) LF442MH Datasheet HTML 8Page - National Semiconductor (TI) LF442MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics (Continued)
Pulse Response R
L = 10 kΩ,CL = 10 pF
Common-Mode Rejection
Ratio
DS009155-32
Power Supply Rejection
Ratio
DS009155-33
Equivalent Input Noise
Voltage
DS009155-34
Open Loop Voltage Gain
DS009155-35
Output Impedance
DS009155-36
Inverter Settling Time
DS009155-37
Small Signal Inverting
DS009155-7
Small Signal Non-Inverting
DS009155-8
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com