Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF442MH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442MH
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442MH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF442MH Datasheet HTML 1Page - National Semiconductor (TI) LF442MH Datasheet HTML 2Page - National Semiconductor (TI) LF442MH Datasheet HTML 3Page - National Semiconductor (TI) LF442MH Datasheet HTML 4Page - National Semiconductor (TI) LF442MH Datasheet HTML 5Page - National Semiconductor (TI) LF442MH Datasheet HTML 6Page - National Semiconductor (TI) LF442MH Datasheet HTML 7Page - National Semiconductor (TI) LF442MH Datasheet HTML 8Page - National Semiconductor (TI) LF442MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LF442
Dual Low Power JFET Input Operational Amplifier
General Description
The LF442 dual low power operational amplifiers provide
many of the same AC characteristics as the industry stan-
dard LM1458 while greatly improving the DC characteristics
of the LM1458. The amplifiers have the same bandwidth,
slew rate, and gain (10 k
Ω load) as the LM1458 and only
draw one tenth the supply current of the LM1458. In addition
the well matched high voltage JFET input devices of the
LF442 reduce the input bias and offset currents by a factor of
10,000 over the LM1458. A combination of careful layout de-
sign and internal trimming guarantees very low input offset
voltage and voltage drift. The LF442 also has a very low
equivalent input noise voltage for a low power amplifier.
The LF442 is pin compatible with the LM1458 allowing an
immediate 10 times reduction in power drain in many appli-
cations. The LF442 should be used where low power dissi-
pation and good electrical characteristics are the major con-
siderations.
Features
n 1/10 supply current of a LM1458:
400 µA (max)
n Low input bias current:
50 pA (max)
n Low input offset voltage:
1 mV (max)
n Low input offset voltage drift:
10 µV/˚C (max)
n High gain bandwidth:
1 MHz
n High slew rate:
1 V/µs
n Low noise voltage for low power:
n Low input noise current:
n High input impedance:
10
12
Ω
n High gain VO = ±10V, RL = 10k:
50k (min)
Typical Connection
Ordering Information
LF442XYZ
X indicates electrical grade
Y indicates temperature range
“M” for military
“C” for commercial
Z indicates package type
“H” or “N”
Connection Diagrams
BI-FET II™ is a trademark of National Semiconductor Corporation.
DS009155-1
Metal Can Package
DS009155-2
Pin 4 connected to case
Top View
Order Number LF442AMH or LF442MH
or LF442MH/883
See NS Package Number H08A
Dual-In-Line Package
DS009155-4
Top View
Order Number LF442ACN or LF442CN
See NS Package Number N08E
April 1999
© 1999 National Semiconductor Corporation
DS009155
www.national.com


Similar Part No. - LF442MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF442MH TI1-LF442MH Datasheet
373Kb / 18P
LF442QML Dual Low Power JFET Input Operational Amplifier
LF442MH/883 TI2-LF442MH/883 Datasheet
952Kb / 18P
LF442QML Dual Low Power JFET Input Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LF442MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092_06 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF442QML TI1-LF442QML Datasheet
373Kb / 18P
LF442QML Dual Low Power JFET Input Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412JAN TI1-LF412JAN_13 Datasheet
3Mb / 17P
Low Drift Dual JFET Input Operational Amplifier
LF412-N TI1-LF412-N Datasheet
3Mb / 22P
Low Drift Dual JFET Input Operational Amplifier
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
LF442 TI1-LF442 Datasheet
987Kb / 24P
Dual Low Power JFET Input Operational Amplifier
LM442-MIL TI1-LM442-MIL Datasheet
793Kb / 25P
Dual Low Power JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com