Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF442MH Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442MH
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442MH Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LF442MH Datasheet HTML 4Page - National Semiconductor (TI) LF442MH Datasheet HTML 5Page - National Semiconductor (TI) LF442MH Datasheet HTML 6Page - National Semiconductor (TI) LF442MH Datasheet HTML 7Page - National Semiconductor (TI) LF442MH Datasheet HTML 8Page - National Semiconductor (TI) LF442MH Datasheet HTML 9Page - National Semiconductor (TI) LF442MH Datasheet HTML 10Page - National Semiconductor (TI) LF442MH Datasheet HTML 11Page - National Semiconductor (TI) LF442MH Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Applications (Continued)
High Efficiency Crystal Oven Controller
DS009155-13
•
T
control= 75˚C
•
A1’s output represents the amplified difference between the LM335 temperature sensor and the crystal oven’s temperature
•
A2, a free running duty cycle modulator, drives the LM395 to complete a servo loop
•
Switched mode operation yields high efficiency
•
1% metal film resistor
Conventional Log Amplifier
DS009155-14
RT = Tel Labs type Q81
Trim 5k for 10 µA through the 5k–120k combination
*1% film resistor
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com