Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1005AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP1005AF
Description  INFRARED LED PHOTO IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1005AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP1005AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
5
Precaution
Please be careful of the followings.
1. Soldering should be performed after lead forming.
2. If chemicals are used for cleaning, the soldered surface only shall be cleaned with chemicals avoiding the whole
cleaning of the package.
3. The container is made of polycarbonate. polycarbonate is usually stable with acid, alcohol, and aliphatic
hydrocarbons however, with petrochemicals (such as benzene, toluene, and acetone), alkali, aromatic
hydrocarbons, or chloric hydrocarbons, polycarbonate becomes cracked, swollen, or melted. Please take care
when choosing a packaging material by referencing the table below.
<Chemicals To Avoid With Polycarbonate>
Phenomenon
Chemicals
A
Little deterioration
but staining
・
Nitric acid (low concentration), hydrogen peroxide, chlorine
B
Cracked, crazed, or
swollen
・
Acetic acid (70% or more)
・
Gasoline
・
Methyl ethyl ketone, ethyl acetate, butyl acetate
・
Ethyl methacrylate, ethyl ether, MEK
・
Acetone, m
−amino alcohol, carbon tetrachloride
・
Carbon disulfide, trichloroethylene, cresol
・
Thinners, oil of turpentine
・
Triethanolamine, TCP, TBP
C
Melted
( ) : Used as solvent.
・
Concentrated sulfuric acid
・
Benzene
・
Styrene, acrylonitrile, vinyl acetate
・
Ethylenediamine, diethylenediamine
・
(Chloroform, methyl chloride, tetrachloromethane, dioxane,
1, 2
−dichloroethane)
D
Decomposed
・
Ammonia water
・
Other alkali
4. During 100µs after turning on VCC, output voltage changes for stabilizing the inner circuit.
5. Supply the by−pass condenser up to 0.01µF between VCC and GND near device to stabilize the power supply
line.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com