Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1005AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP1005AF
Description  INFRARED LED PHOTO IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1005AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP1005AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
3
Opto
−Electrical Characteristics
(unless otherwise specified, Ta =
−25~85°C, VCC = 5V ±10%)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA, Ta = 25°C
1.00
1.15
1.30
V
Reverse current
IR
VR = 5V, Ta = 25°C
―
―
10
µA
Peak emission
wavelength
λP
IF = 15mA, Ta = 25°C
―
940
―
nm
Operating supply voltage
VCC
―
4.5
―
17
V
IF = *1
―
―
6.0
Low level supply current
ICCL
IF = *1, VCC = 17V
―
―
7.5
mA
IF = *2
―
―
3.0
High level supply
current
ICCH
IF = *2, VCC = 17V
―
―
3.2
mA
IOL = 16mA, IF = *1
Ta = 25°C
―
0.07
0.3
Low level output voltage
VOL
IOL = 16mA, IF = *1
VCC = 17V
―
―
0.4
High level output
voltage
VOH
IF = *2
0.9VCC
―
―
V
Peak sensitivity
wavelength
λP
Ta = 25°C
―
900
―
mA
Ta = 25°C
―
―
4
L
→ H threshold input
current
IFLH
VCC = 17V
TLP1004A(F)
―
―
7
mA
Ta = 25°C
―
―
4
H
→ L threshold input
current
IFHL
VCC = 17V
TLP1005A(F)
―
―
7
mA
TLP1004A(F)
―
0.67
―
Hysteresis ratio
IFHL / IFLH
―
TLP1005A(F)
―
1.5
―
―
TLP1004A(F)
―
3
―
Propagation delay time
(L
→ H)
tpLH
TLP1005A(F)
―
6
―
TLP1004A(F)
―
6
―
Propagation delay time
(H
→ L)
tpHL
TLP1005A(F)
―
3
―
Rise time
tr
―
0.1
―
Fall time
tf
VCC = 5V
IF = 15mA
RL = 280Ω
Ta = 25°C
(Note)
―
0.05
―
µs
*1. 0mA for TLP1004A(F). 15mA for TLP1005A(F)
*2. 15mA for TLP1004A(F). 0mA for TLP1005A(F).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com