Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1005AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP1005AF
Description  INFRARED LED PHOTO IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1005AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP1005AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1005AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta > 25°C)
∆IF / °C
−0.33
mA / °C
Reverse voltage
VR
5
V
Supply voltage
VCC
17
V
Output current
IO
50
mA
Power dissipation
PO
250
mW
Power dissipation derating
(Ta > 25°C)
∆PO / °C
−3.33
mW / °C
Operating temperature range
Topr
−25~85
°C
Storage temperature range
Tstg
−40~100
°C
Soldering temperature (5 s)
Tsol
260
°C
Recommended Operating Condition
Characteristic
Symbol
Min.
Typ.
Max.
Unit
LED forward current
IF
14*
―
20
mA
Supply voltage
VCC
4.5
5.0
17
V
Low level output current
IOL
―
―
16
mA
Operating temperature
Topr
−25
―
85
°C
* 14mA is a value considering 50% LED deterioration.
Initial value of the threshold input current is 7mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com