Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2371 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2371
Description  LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2371 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2371 Datasheet HTML 1Page - Texas Instruments TPS2371 Datasheet HTML 2Page - Texas Instruments TPS2371 Datasheet HTML 3Page - Texas Instruments TPS2371 Datasheet HTML 4Page - Texas Instruments TPS2371 Datasheet HTML 5Page - Texas Instruments TPS2371 Datasheet HTML 6Page - Texas Instruments TPS2371 Datasheet HTML 7Page - Texas Instruments TPS2371 Datasheet HTML 8Page - Texas Instruments TPS2371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPS2371
SLUS566A − JULY 2003 − REVISED NOVEMBER 2003
LEGACY/IEEE802.3af COMPATIBLE POWER INTERFACE SWITCH
FOR POWER OVER ETHERNET (PoE) POWERED DEVICES
1
www.ti.com
FEATURES
D Integrated Power Interface Switch for IEEE
802.3af Powered Devices (PDs)
D Precision UVLO Thresholds
D 20-ms UVLO Off-Time Delay
D Provides PD Detection Signature
D Provides PD Classification Signature
(Class 0−4)
D Programmable Inrush Current Limit
D Internal 0.3-Ω Low-Side FET
D Interfaces to DC/DC Soft-Start for DC/DC
Enable
D Internal Thermal Protection – Disconnects
PD Load
D 8-Pin SOIC, 8-Pin TSSOP Packages
APPLICATIONS
D VoIP Phones
D Internet Appliances
D Wireless LAN Access Points
D Bluetooth Access Points
DESCRIPTION
Acting as an interface between the Power Source
Equipment (PSE) and the Powered Device (PD),
the TPS2371 performs all detection, class−
ification, inrush current limiting, and switch FET
control that is necessary for compatibility with
Legacy/IEEE 802.3af Standard. The TPS2371
incorporates precision UVLO thresholds and
hysteresis as well as a UVLO off-time delay to
enable Legacy IEEE802.3af PoE compatibilty. An
internal 0.3-
Ω FET provides maximum power
delivery. As an additional feature, the TPS2371
interfaces with the enable/soft-start signal of a
dc-to-dc converter, eliminating the need to have
an accurate UVLO in the dc-to-dc converter.
At low input voltages (1.8 V to 10 V), the TPS2371
draws less than 12
µA, allowing accurate sensing
of the external 24.9-k
Ω discovery resistor. At input
voltages between 15 V and 20 V, an external
resistor sets the level of current to be drawn during
classification mode. TPS2371 is compatible with
current as well as voltage measurement schemes
for
classification.
Above
20-V
input,
the
classification current is shut off, reducing internal
power dissipation.
3
1
2
4
5
TPS2371
6
DC/DC
Converter/
Controller
8
Ethernet
Appliance
VREG
44 V
TO
57 V
V+
V−
7
SIMPLIFIED APPLICATION DIAGRAM
RDET
RLIM
CSS
CDCDCIN
RCLASS
CBYPASS
CDEL
UDG−03092
5 V
CLIM
SMAJ54A
Bluetooth is a trademark of the Bluetooth SIG, Inc.
Copyright
 1999 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS2371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI1-TPS2371 Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371 TI2-TPS2371 Datasheet
486Kb / 18P
LEGACY/IEEE802.3af COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES
REVISED NOVEMBER 2003
TPS2371DR TI1-TPS2371DR Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371DR TI2-TPS2371DR Datasheet
486Kb / 18P
LEGACY/IEEE802.3af COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES
REVISED NOVEMBER 2003
TPS2371DR.A TI2-TPS2371DR.A Datasheet
486Kb / 18P
LEGACY/IEEE802.3af COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES
REVISED NOVEMBER 2003
More results

Similar Description - TPS2371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
logo
SL Power Electronics
PW180KB SLPOWER-PW180KB Datasheet
270Kb / 2P
Power over Ethernet IEEE802.3af Compliant
logo
XP Power Limited
POE XPPOWER-POE Datasheet
164Kb / 2P
Power Over Ethernet Compatible
logo
Texas Instruments
TPS2371 TI1-TPS2371_15 Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Phihong USA Inc.
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com