Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3025LFDF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3025LFDF
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3025LFDF Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3025LFDF Datasheet HTML 1Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 2Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 3Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 4Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 5Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3025LFDF
Datasheet number: DS37737 Rev. 1 - 2
2 of 6
www.diodes.com
June 2016
© Diodes Incorporated
DMN3025LFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25C
TA = +70C
ID
8.3
6.6
A
t<10s
TA = +25C
TA = +70C
ID
9.9
7.9
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3
A
Pulsed Drain Current (10
s pulse, duty cycle = 1%)
IDM
40
A
Avalanche Current (L = 0.1mH) (Note 7)
IAS
15
A
Avalanche Energy (L = 0.1mH) (Note 7)
EAS
11
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.66
W
TA = +70°C
0.42
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
173
°C/W
t<10s
133
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.1
W
TA = +70°C
1.3
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
62
°C/W
t<10s
43
Thermal Resistance, Junction to Case (Note 6)
Steady State
RJC
9.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.0
-
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
-
-
20.5
m
VGS = 10V, ID = 7A
-
-
30
VGS = 4.5V, ID = 7A
Diode Forward Voltage
VSD
-
0.70
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
641
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
66
-
Reverse Transfer Capacitance
Crss
-
50
-
Gate Resistance
Rg
-
2.2
-
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
6
-
nC
VDS = 15V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
-
13.2
-
Gate-Source Charge
Qgs
-
1.7
-
Gate-Drain Charge
Qgd
-
2.2
-
Turn-On Delay Time
tD(ON)
-
3.3
-
ns
VDD = 15V, VGS = 10V,
RG = 6Ω, ID = 1A
Turn-On Rise Time
tR
-
4.4
-
Turn-Off Delay Time
tD(OFF)
-
22.3
-
Turn-Off Fall Time
tF
-
5.3
-
Reverse Recovery Time
tRR
-
11.4
-
ns
IF = 11A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
-
8.2
-
nC
IF = 11A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com