Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3025LFDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3025LFDF
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3025LFDF Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3025LFDF Datasheet HTML 1Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 2Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 3Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 4Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 5Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3025LFDF
Datasheet number: DS37737 Rev. 1 - 2
3 of 6
www.diodes.com
June 2016
© Diodes Incorporated
DMN3025LFDF
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 2.5V
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 5.0V
V
GS = 10V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5.0V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs Drain Current and
Gate Voltage
V
GS = 4.5V
V
GS = 10V
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 4. Typical On-Resistance vs Drain Current and
Temperature
V
GS = 4.5V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 5. On-Resistance Variation with Temperature
V
GS = 4.5V, ID = 5A
V
GS = 10V, ID = 10A
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6.On-Resistance Variation with Temperature
V
GS = 4.5V, ID = 5A
V
GS = 10V, ID = 10A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com