Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3025LFDF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3025LFDF
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3025LFDF Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3025LFDF Datasheet HTML 1Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 2Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 3Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 4Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 5Page - Diodes Incorporated DMN3025LFDF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3025LFDF
Datasheet number: DS37737 Rev. 1 - 2
4 of 6
www.diodes.com
June 2016
© Diodes Incorporated
DMN3025LFDF
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. Gate Threshold Variation vs Junction
Temperature
I
D = 1mA
I
D = 250µA
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 8. Diode Forward Voltage vs. Current
V
GS = 0V, TJ = 25
oC
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Typical Junction Capacitance
f = 1MHz
C
iss
C
oss
C
rss
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Q
g (nC)
Figure 10. Gate Charge
V
DS = 15V, ID = 10A
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 11. Transient Thermal Resistance
RθJA (t) = r(t) * RθJA
RθJA = 174℃/W
Duty Cycle, D = t1/t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com