Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TSC2003
9
SBAS162D
www.ti.com
THEORY OF OPERATION
The TSC2003 is a classic Successive Approximation
Register (SAR) Analog-to-Digital (A/D) converter. The archi-
tecture is based on capacitive redistribution which inherently
includes a sample-and-hold function. The converter is fabri-
cated on a 0.6
µ CMOS process.
The basic operation of the TSC2003 is shown in Figure 1.
The device features an internal 2.5V reference and an
internal clock. Operation is maintained from a single supply
of 2.7V to 5.25V. The internal reference can be overdriven
with an external, low-impedance source between 2V and
+VDD. The value of the reference voltage directly sets the
input range of the converter.
The analog input (X, Y, and Z parallel coordinates, auxiliary
inputs, battery voltage, and chip temperature) to the con-
verter is provided via a multiplexer. A unique configuration of
low on-resistance switches allows an unselected A/D con-
verter input channel to provide power, and an accompanying
pin to provide ground for an external device. By maintaining
FIGURE 1. Basic Operation of the TSC2003.
a differential input to the converter, and a differential refer-
ence architecture, it is possible to negate the switch’s on-
resistance error (should this be a source of error for the
particular measurement).
ANALOG INPUT
See Figure 2 for a block diagram of the input multiplexer on
the TSC2003, the differential input of the A/D converter, and
the converter's differential reference.
When the converter enters the Hold mode, the voltage
difference between the +IN and –IN inputs (see Figure 2) is
captured on the internal capacitor array. The input current on
the analog inputs depends on the conversion rate of the
device. During the sample period, the source must charge
the internal sampling capacitor (typically 25pF). After the
capacitor has been fully charged, there is no further input
current. The amount of charge transfer from the analog
source to the converter is a function of conversion rate.
1
2
3
4
5
6
7
8
+V
DD
X+
Y+
X–
Y–
GND
V
BAT1
V
BAT2
IN1
IN2
A0
A1
SCL
SDA
PENIRQ
V
REF
16
15
14
13
12
11
10
9
TSC2003
Serial Clock
Serial Data
Pen Interrupt
+
1
µF
to
10
µF
(Optional)
+2.7V to +5V
Touch
Screen
0.1
µF
1
µF
to
10
µF
(Optional)
0.1
µF
+
Main
Battery
Secondary
Battery
1.2k
Ω
50k
Ω
1.2k
Ω
Auxiliary Input
Auxiliary Input
Voltage
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com