Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TSC2003
10
SBAS162D
www.ti.com
INTERNAL REFERENCE
The TSC2003 has an internal 2.5V voltage reference that
can be turned ON or OFF with the power-down control bits,
PD0 and PD1 (see Table II and Figure 3). The internal
reference is powered down when power is first applied to the
device.
The internal reference voltage is only used in the
single-ended reference mode for battery monitoring, tem-
perature measurement, and for measuring the auxiliary in-
put. Optimal touch screen performance is achieved when
using a ratiometric conversion; thus, all touch screen mea-
surements are done automatically in the differential mode.
Buffer
Band
Gap
Reference
Power Down
To
CDAC
Optional
V
REF
FIGURE 3. Simplified Diagram of the Internal Reference.
FIGURE 2. Simplified Diagram of the Analog Input.
Converter
–REF
+REF
+IN
–IN
V
BAT1
IN1
Battery
On
IN2
GND
C2-C0
(Shown 101
B)
2.5V
Reference
Ref ON/OFF
C3
(Shown HIGH)
X+
X–
+V
DD
TEMP1
PENIRQ
Y+
Y–
V
REF
TEMP0
7.5k
Ω
V
BAT2
7.5k
Ω
2.5k
Ω
Battery
On
2.5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com