Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments TSC2003 Datasheet HTML 19Page - Texas Instruments TSC2003 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TSC2003
16
SBAS162D
www.ti.com
Once the master receives the acknowledge bit from the
TSC2003, the master writes the command byte to the slave
(see Figure 11). After the command byte is received by the
slave, the slave issues another acknowledge bit. The master
then ends the Write Cycle by issuing a repeated START or
a STOP condition, as shown in Figure 12.
If the master sends additional command bytes after the initial
byte, before sending a STOP or repeated START condition,
the TSC2003 will not acknowledge those bytes.
The input multiplexer for the A/D converter has its channel
selected when bits C3 through C0 are clocked in. If the
selected channel is an X-,Y-, or Z-position measurement, the
appropriate drivers will turn on once the acquisition period
begins.
When R/W = 0, the input sample acquisition period starts on
the falling edge of SCL once the C0 bit of the command byte
has been latched, and ends when a STOP or repeated
START condition has been issued. A/D conversion starts
immediately after the acquisition period. The multiplexer
inputs to the A/D converter are disabled once the conversion
period starts. However, if an X-, Y-, or Z-position is being
measured, the respective touch screen drivers remain on
during the conversion period. A complete Write Cycle is
shown in Figure 12.
SDA
SCL
1
00
10
A1
A0
R/W
0
0
C3
C2
C1
C0 PD1 PD0
M
X
0
START
TSC2003
ACK
TSC2003
ACK
Address Byte
Command Byte
Acquisition
Conversion
STOP or
REPEATED START
FIGURE 12. Complete I2C Serial Write Transmission.
Read A Conversion/Read Cycle
For best performance, the I2C bus should remain in an idle
state while an A/D conversion is taking place. This prevents
digital clock noise from affecting the bit decisions being made
by the TSC2003. The master should wait for at least 10
µs
before attempting to read data from the TSC2003 to realize
this best performance. However, the master does not need
to wait for a completed conversion before beginning a read
from the slave, if full 12-bit performance is not necessary.
Data access begins with the master issuing a START condition
followed by the address byte (see Figure 10) with R/W = 1.
Once the eighth bit has been received, and the address
matches, the slave issues an acknowledge. The first byte of
serial data will follow (D11-D4, MSB first).
After the first byte has been sent by the slave, it releases the
SDA line for the master to issue an acknowledge. The slave
responds with the second byte of serial data upon receiving
the acknowledge from the master (D3-D0, followed by four 0
bits). The second byte is followed by a NOT acknowledge bit
(ACK = 1) from the master to indicate that the last data byte
has been received. If the master acknowledges the second
data byte, then the data will repeat on subsequent reads with
ACKs between bytes. This is true in both 12-bit and 8-bit
mode. The master will then issue a STOP condition, which
ends the Read Cycle, as shown in Figure 13.
SDA
SCL
1
00
10
A1 A0 R/W
1
0
D11 D10
D9 D8 D7 D6 D5 D4
0
D3
D2
D1
D0
00
00
1
START
TSC2003
ACK
MASTER
ACK
MASTER
NACK
STOP or
REPEATED START
Address Byte
Date Byte 1
Date Byte 2
FIGURE 13. Complete I2C Serial Read Transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com