Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM106 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM106
Description  Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM106 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM106 Datasheet HTML 1Page - National Semiconductor (TI) LM106 Datasheet HTML 2Page - National Semiconductor (TI) LM106 Datasheet HTML 3Page - National Semiconductor (TI) LM106 Datasheet HTML 4Page - National Semiconductor (TI) LM106 Datasheet HTML 5Page - National Semiconductor (TI) LM106 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings (Note *NO
TARGET FOR FNXref NS0058*)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 6)
Positive Supply Voltage
15V
Negative Supply Voltage
−15V
Output Voltage
24V
Output to Negative Supply Voltage
30V
Differential Input Voltage
±5V
Input Voltage
±7V
Power Dissipation (Note 1)
600 mW
Output Short Circuit Duration
10 seconds
Operating Temperature Range
T
MIN
T
MAX
LM106
−55˚C to +125˚C
LM306
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
300˚C
ESD rating to be determined.
Electrical Characteristics (Note 2)
Parameter
Conditions
LM106
LM306
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
(Note 3)
0.5
2.0
1.6
5.0
mV
Input Offset Current
(Note 3)
0.7
3.0
1.8
5.0
µA
Input Bias Current
10
20
16
25
µA
Response Time
R
L = 390Ω to 5V
28
40
28
40
ns
C
L = 15 pF, (Note 4)
Saturation Voltage
V
IN ≤ −5 mV, IOUT = 100 mA
1.0
1.5
V
V
IN ≤ −7 mV, IOUT = 100 mA
0.8
2.0
V
Output Leakage Current
V
IN ≥ 5 mV, 8V ≤ VOUT ≤ 24V
0.02
1.0
µA
V
IN ≥ 7 mV, 8V ≤ VOUT ≤ 24V
0.02
2.0
µA
THE FOLLOWING SPECIFICATIONS APPLY FOR T
MIN ≤ TA ≤ TMAX (Note 5)
Input Offset Voltage
(Note 3)
3.0
6.5
mV
Average Temperature Coefficient of
3.0
10
5
20
µV/˚C
Input Offset Voltage
Input Offset Current
T
L ≤ TA ≤ 25˚C, (Note 3)
1.8
7.0
2.4
7.5
µA
25˚C
≤ T
A ≤ TH
0.25
3.0
5.0
µA
Average Temperature Coefficient of
25˚C
≤ T
A ≤ TH
5.0
25
15
50
nA/˚C
Input Offset Current
T
L ≤ TA ≤ 25˚C
15
75
24
100
nA/˚C
Input Bias Current
T
L ≤ TA ≤ 25˚C
45
25
40
µA
25˚C
≤ T
A ≤ TH
20
25
µA
Input Voltage Range
−7V
≥ V− ≥ −12V
±5.0
±5.0
V
Differential Input Voltage Range
±5.0
±5.0
V
Saturation Voltage
V
IN ≤ −5 mV, IOUT = 50 mA
1.0
1.0
V
V
IN ≤ −8 mV For LM306
Saturation Voltage
V
IN ≤ −5 mV, IOUT = 16 mA
0.4
0.4
V
V
IN ≤ −8 mV For LM306
Positive Output Level
V
IN ≥ 5 mV, IOUT = −400µA
2.5
5.5
2.5
5.5
V
V
IN ≥ 8 mV For LM306
Output Leakage Current
V
IN ≥ 5 mV, 8V ≤ VOUT ≤ 24V
1.0
2.0
µA
V
IN ≥ 8 mV For LM306
T
L ≤ TA ≤ 25˚C
25˚C < T
A ≤ TH
100
100
µA
Strobe Current
V
STROBE = 0.4V
−1.7
−3.2
−1.7
−3.2
mA
Strobe “ON” Voltage
0.9
1.4
0.9
1.4
V
Strobe “OFF” Voltage
I
SINK ≤ 16 mA
1.4
2.2
1.4
2.2
V
Positive Supply Current
V
IN = −5 mV
5.5
10
5.5
10
mA
V
IN = −8 mV for LM306
Negative Supply Current
−1.5
−3.6
−1.5
−3.6
mA
3
www.national.com
PrintDate=1997/05/07 PrintTime=10:34:19 6917 ds007756 Rev. No. 1
Proof
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com