Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM106 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM106
Description  Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM106 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM106 Datasheet HTML 1Page - National Semiconductor (TI) LM106 Datasheet HTML 2Page - National Semiconductor (TI) LM106 Datasheet HTML 3Page - National Semiconductor (TI) LM106 Datasheet HTML 4Page - National Semiconductor (TI) LM106 Datasheet HTML 5Page - National Semiconductor (TI) LM106 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM106/LM306
Voltage Comparator
General Description
The LM106 series are high-speed voltage comparators de-
signed to accurately detect low-level analog signals and
drive a digital load. They are equivalent to an LM710, com-
bined with a two input NAND gate and an output buffer. The
circuits can drive RTL, DTL or TTL integrated circuits directly.
Furthermore, their outputs can switch voltages up to 24V at
currents as high as 10 mA.
The devices have short-circuit protection which limits the in-
rush current when it is used to drive incandescent lamps, in
addition to preventing damage from accidental shorts to the
positive supply. The speed is equivalent to that of an LM710.
However, they are even faster where buffers and additional
logic circuitry can be eliminated by the increased flexibility of
the LM106 series. They can also be operated from any
negative supply voltage between −3V and −12V with little ef-
fect on performance.
The LM106 is specified for operation over the −55˚C to
+125˚C military temperature range. The LM306 is specified
for operation over 0˚C to +70˚C temperature range.
Features
n
Improved accuracy
n
Fan-out of 10 with DTL or TTL
n
Added logic or strobe capability
n
Useful as a relay or lamp driver
n
Plug-in replacement for the LM710
n
40 ns maximum response time
December 1994
© 1997 National Semiconductor Corporation
DS007756
www.national.com
1
PrintDate=1997/05/07 PrintTime=10:34:16 6917 ds007756 Rev. No. 1
Proof
1


Similar Part No. - LM106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10692 TI1-LM10692 Datasheet
3Mb / 48P
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
LM10692BRMYR TI1-LM10692BRMYR Datasheet
3Mb / 48P
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
LM10692BRMYT TI1-LM10692BRMYT Datasheet
3Mb / 48P
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
LM10692RMYR TI1-LM10692RMYR Datasheet
3Mb / 48P
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
LM10692RMYT TI1-LM10692RMYT Datasheet
3Mb / 48P
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
More results

Similar Description - LM106

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com