Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM106 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM106
Description  Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM106 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM106 Datasheet HTML 1Page - National Semiconductor (TI) LM106 Datasheet HTML 2Page - National Semiconductor (TI) LM106 Datasheet HTML 3Page - National Semiconductor (TI) LM106 Datasheet HTML 4Page - National Semiconductor (TI) LM106 Datasheet HTML 5Page - National Semiconductor (TI) LM106 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics (Note 2) (Continued)
Note 1: The maximum junction temperature of LM106 is 150˚C, LM306 is 85˚C. For operating at elevated temperatures, devices must be derated based on a thermal
resistance of 170˚C/W, junction to ambient, or 23˚C/W, junction to case.
Note 2: These specifications apply for −3V
≥ V− ≥ −12V, V+ = 12V and TA = 25˚C unless otherwise specified. All currents into device pins are considered positive.
Note 3: The offset voltages and offset currents given are the maximum values required to drive the output down to 0.5V or up to 4.4V (0.5V or up to 4.8V for the
LM306). Thus, these parameters actually define an error band and take into account the worst-case effects of voltage gain, specified supply voltage variations, and
common mode voltage variations.
Note 4: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 5: All currents into device pins are considered positive.
Note 6: Refer to RETS106X for LM106 military specifications.
Typical Applications
Typical Performance Characteristics
Level Detector and Lamp Driver
DS007756-4
Fast Response Peak Detector
DS007756-5
Relay Driver
DS007756-6
Adjustable Threshold Line Receiver
DS007756-7
*Optional for response time control.
Transfer Function
DS007756-9
Transconductance
DS007756-10
Voltage Gain
DS007756-11
PrintDate=1997/05/07 PrintTime=10:34:20 6917 ds007756 Rev. No. 1
Proof
4
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com