Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF331M4 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # ATF331M4
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF331M4 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button ATF331M4 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
5
Notes:
1. Measurements made on fixed tuned
production test board that was tuned for
optimal gain match with reasonable noise
figure at 4V 60 mA bias. This circuit
represents a trade-off between an optimal
noise match, maximum gain match and a
realizable match based on production test
board requirements. Circuit losses have been
de-embedded from actual measurements.
2. Quiescent drain current, Idsq, is set with zero
RF drive applied. As P1dB is approached, the
drain current may increase or decrease
depending on frequency and dc bias point. At
lower values of Idsq the device is running
closer to class B as power output approaches
P1dB. This results in higher P1dB and higher
PAE (power added efficiency) when compared
to a device that is driven by a constant
current source as is typically done with active
biasing.
ATF-331M4 Typical Performance Curves, continued
Figure 12. Fmin vs. Frequency at 4 V, 60 mA.
FREQUENCY (GHz)
010
4
28
6
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 14. Fmin & Ga vs. Frequency and Temp.
Vd = 4 V , Ids = 60 mA.
FREQUENCY (GHz)
08
4
26
85
°C
25
°C
-40
°C
25
20
15
10
5
2.0
1.5
1.0
0.5
0
Figure 15. P1dB, OIP3 vs. Frequency and
Temp at Vd = 4 V , Ids = 60 mA.
FREQUENCY (GHz)
08
45
7
2
13
6
85
°C
25
°C
-40
°C
35
30
25
20
15
10
5
0
Figure 16. OIP3, P1dB, NF and Gain vs.
Bias[1,2] at 3.9 GHz.
Idsq (mA)
0
100
40
20
80
60
P1dB
OIP3
Gain
NF
35
30
25
20
15
10
5
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Figure 13. Associated Gain vs. Frequency
at 4 V , 60 mA.
FREQUENCY (GHz)
010
4
28
6
30
25
20
15
10
5
0
Figure 17. OIP3, P1dB, NF at 5.8 GHz.
Idsq (mA)
0
100
40
20
80
60
P1dB
OIP3
Gain
NF
35
30
25
20
15
10
5
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com