Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF331M4 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # ATF331M4
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF331M4 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button ATF331M4 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 17Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
13
ATF-331M4 Minipak Model
NFET=yes
PFET=no
Vto=0.95
Beta=0.48
Lambda=0.09
Alpha=4
B=0.8
Tnom=27
Idstc=
Vbi=0.7
Tau=
Betatce=
Delta1=0.2
Delta2=
Gscap=3
Cgs=1.764 pF
Gdcap=3
Cgd=0.338 pF
Rgd=
Tqm=
Vmax=
Fc=
Rd=0.125
Rg=1
Rs=0.0625
Ld=0.0034 nH
Lg=0.0039 nH
Ls=0.0012 nH
Cds=0.0776 pF
Crf=0.1
Rc=62.5
Gsfwd=1
Gsrev=0
Gdfwd=1
Gdrev=0
Vjr=1
Is=1 nA
Ir=1 nA
Imax=0.1
Xti=
N=
Eg=
Vbr=
Vtotc=
Rin=
Taumdl=no
Fnc=1 E6
R=0.17
C=0.2
P=0.65
wVgfwd=
wBvgs=
wBvgd=
wBvds=
wldsmax=
wPmax=
AllParams=
Advanced_Curtice2_Model
MESFETM1
GATE
SOURCE
INSIDE Package
Port
G
Num=1
C
C1
C=0.28 pF
Port
S1
Num=2
SOURCE
DRAIN
Port
S2
Num=4
Port
D
Num=3
L
L6
L=0.147 nH
R=0.001
C
C2
C=0.046 pF
L
L7
L=0.234 nH
R=0.001
MSub
TLINP
TL3
Z=Z2 Ohm
L=23.6 mil
K=K
A=0.000
F=1 GHz
TanD=0.001
TLINP
TL9
Z=Z2 Ohm
L=11 mil
K=K
A=0.000
F=1 GHz
TanD=0.001
VAR
VAR1
K=5
Z2=85
Z1=30
Var
Egn
TLINP
TL1
Z=Z2/2 Ohm
L=22 mil
K=K
A=0.000
F=1 GHz
TanD=0.001
TLINP
TL2
Z=Z2/2 Ohm
L=20 0 mil
K=K
A=0.000
F=1 GHz
TanD=0.001
TLINP
TL7
Z=Z2/2 Ohm
L=5.2 mil
K=K
A=0.000
F=1 GHz
TanD=0.001
TLINP
TL5
Z=Z2 Ohm
L=27.5 mil
K=K
A=0.000
F=1 GHz
TanD=0.001
L
L1
L=0.234 nH
R=0.001
L
L4
L=0.281 nH
R=0.001
GaAsFET
FET1
Mode1=MESFETM1
Mode=Nonlinear
MSUB
MSub2
H=25.0 mil
Er=9.6
Mur=1
Cond=1.0E+50
Hu=3.9e+034 mil
T=0.15 mil
TanD=0
Rough=0 mil
ATF-331M4 Die Model
This model can be used as a design tool. It has been tested on ADS for various specifications. However, for
more precise and accurate design, please refer to the measured data in this data sheet. For future
improvements, Agilent reserves the right to change these models without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com