Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF331M4 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # ATF331M4
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF331M4 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button ATF331M4 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF331M4 Datasheet HTML 17Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
14
MiniPak Package Outline Drawing
Ordering Information
Part Number
No. of Devices
Container
ATF-331M4-TR1
3000
7” Reel
ATF-331M4-TR2
10000
13” Reel
ATF-331M4-BLK
100
antistatic bag
1.44 (0.058)
1.40 (0.056)
Top view
Side view
Dimensions are in millimeteres (inches)
Bottom view
1.20 (0.048)
1.16 (0.046)
0.70 (0.028)
0.58 (0.023)
1.12 (0.045)
1.08 (0.043)
3
2
4
1
0.82 (0.033)
0.78 (0.031)
0.32 (0.013)
0.28 (0.011)
-0.07 (-0.003)
-0.03 (-0.001)
0.00
-0.07 (-0.003)
-0.03 (-0.001)
0.42 (0.017)
0.38 (0.015)
0.92 (0.037)
0.88 (0.035)
1.32 (0.053)
1.28 (0.051)
0.00
Px
Solder Pad Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com