Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4-TR1 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-TR1
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-TR1 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF-331M4-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2
ATF-331M4 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain-Source Voltage[2]
V
5.5
V
GS
Gate-Source Voltage[2]
V-5
V
GD
Gate Drain Voltage [2]
V-5
I
DS
Drain Current [2]
mA
Idiss
[3]
Pdiss
Total Power Dissipation [4]
mW
400
Pin max.
RF Input Power
dBm
20
T
CH
Channel Temperature[5]
°C
160
T
STG
Storage Temperature
°C
-65 to 160
θ
jc
Thermal Resistance [6]
°C/W
200
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. V
GS = 0 V
4. Source lead temperature is 25
°C. Derate
5 mW/
°C for T
L > 40°C.
5. Please refer to failure rates in reliability data
sheet to assess the reliability impact of
running devices above a channel temperature
of 140
°C.
6. Thermal resistance measured using 150
°C
Liquid Crystal Measurement method.
Product Consistency Distribution Charts [8, 9]
VDS (V)
Figure 1. Typical Pulsed I-V Curves[7].
(VGS = -0.2 V per step)
02
4
6
8
500
400
300
200
100
0
-0.6 V
0 V
+0.6 V
NF (dBm)
Figure 2. NF @ 2 GHz, 4 V, 60 mA.
LSL = 28.5, Nominal = 0.6, USL = 0.8.
0.2
0.4
0.5
0.6
0.7
0.3
0.8
0.9
100
80
60
40
20
0
-3 Std
+3 Std
Cpk = 1.05
Stdev = 0.07
OIP3 (dBm)
Figure 3. OIP3 @ 2 GHz, 4 V, 60 mA.
LSL = 28.5, Nominal = 31.0, USL = 36.0
28
32
30
34
36
-3 Std
+3 Std
150
120
90
60
30
0
Cpk = 1.00
Stdev = 1.07
GAIN (dB)
Figure 4. Gain @ 2 GHz, 4 V, 60 mA.
LSL = 13.5, Nominal = 15.0, USL = 16.5
13
15
14
16
17
-3 Std
+3 Std
120
100
80
60
40
20
0
Cpk = 4.37
Stdev = 1.11
Notes:
8. Distribution data sample size is 349 samples from 4 different wafers. Future wafers allocated to this product may have nominal values anywhere within
the upper and lower spec limits.
9. Measurements made on production test board. This circuit represents a trade-off between an optimal noise match and a realizeable match based on
production test requirements. Circuit losses have been de-embedded from actual measurements.
Note:
7. Under large signal conditions, V
GS may swing
positive and the drain current may exceed
I
dss. These conditions are acceptable as long
as the Maximum Pdiss and Pin max ratings are
not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com