Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4-TR1 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-TR1
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-TR1 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button ATF-331M4-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 17Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
12
TIME (seconds)
T
MAX
0
0
50
100
150
200
250
60
Preheat
Zone
Cool Down
Zone
Reflow
Zone
120
180
240
300
Figure 25. Lead-free Solder Reflow Profile.
Figure 24. Leaded Solder Reflow Profile.
TIME (seconds)
Peak Temperature
Min. 240
°C
Max. 255
°C
0
0
50
150
100
221
200
250
300
350
60
90
30
120
150
210
180
270
300
330
240
360
Preheat 130 – 170
°C
Min. 60s
Max. 150s
Reflow Time
Min. 60s
Max. 90s
evaporating solvents from the
solder paste. The reflow zone
briefly elevates the temperature
sufficiently to produce a reflow
of the solder.
The rates of change of tempera-
ture for the ramp-up and cool-
down zones are chosen to be low
enough to not cause deformation
of board or damage to compo-
nents due to thermal shock. The
maximum temperature in the
reflow zone (Tmax) should not
exceed 235
°C for leaded solder.
These parameters are typical for
a surface mount assembly
process for the ATF-331M4. As a
general guideline, the circuit
board and components should
only be exposed to the minimum
temperatures and times the
necessary to achieve a uniform
reflow of solder.
The recommended lead-free
reflow profile is shown in
Figure 25.
Electrostatic Sensitivity
FETs and RFICs are electrostatic
discharge (ESD) sensitive de-
vices. Agilent devices are manu-
factured using a very robust and
reliable PHEMT process, however,
permanent damage may occur to
these devices if they are sub-
jected to high-energy electrostatic
discharges. Electrostatic charges
as high as several thousand volts
(which readily accumulate on the
human body and on test equip-
ment) can discharge without
detection and may result in
failure or degradation in perfor-
mance and reliability.
Electronic devices may be
subjected to ESD damage in any
of the following areas:
• Storage & handling
• Inspection
• Assembly & testing
• In-circuit use
The ATF-331M4 is an ESD
Class 1 device. Therefore, proper
ESD precautions are recom-
mended when handling, inspect-
ing, testing, and assembling these
devices to avoid damage.
Any user-accessible points in
wireless equipment (e.g. antenna
or battery terminals) provide an
opportunity for ESD damage.
For circuit applications in which
the ATF-331M4 is used as an
input or output stage with close
coupling to an external antenna,
the device should be protected
from high voltage spikes due to
human contact with the antenna.
A good practice, illustrated in
Figure 26, is to place a shunt
inductor or RF choke at the
antenna connection to protect
the receiver and transmitter
circuits. It is often advantageous
to integrate the RF choke into the
design of the diplexer or T/R
switch control circuitry.
Figure 26. In-circuit ESD Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com