Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4-TR1 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-TR1
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-TR1 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button ATF-331M4-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
7
Freq
Fmin
Γ
opt
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.50
0.37
0.377
0.7
0.07
21.42
0.90
0.41
0.367
24.5
0.06
18.53
1.00
0.42
0.366
31.1
0.06
18.28
1.50
0.46
0.365
61.6
0.05
15.95
1.80
0.49
0.37
77.8
0.05
15.42
2.00
0.51
0.374
87.9
0.05
14.61
2.50
0.55
0.392
110.5
0.04
13.33
3.00
0.59
0.416
129.6
0.04
12.25
4.00
0.68
0.479
159.2
0.03
10.5
5.00
0.77
0.553
179.4
0.02
9.06
6.00
0.86
0.627
-167.2
0.02
8.05
7.00
0.95
0.69
-157.6
0.04
7.13
8.00
1.04
0.733
-149.2
0.06
6.38
9.00
1.13
0.742
-139.1
0.1
5.97
10.00
1.22
0.709
-124.7
0.18
5
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements Fmin is calculated. Refer to the noise parameter measurement section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.010 inch thick alumina carrier assembly. The input reference plane is at the end of
the gate pad. The output reference plane is at the end of the drain pad.
Typical Noise Parameters,
VDS = 3V, IDS = 40 mA
Figure 19. MSG/MAG and |S21|
2 vs.
Frequency at 3 V , 40 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
30
20
10
0
-10
|S21|
2
ATF-331M4 Typical Scattering Parameters,
VDS = 3V, IDS = 40 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.5
0.82
-90.50
22.45
13.27
128.40
-27.54
0.042
53.80
0.38
-155.50
24.99
0.8
0.78
-117.70
19.31
9.24
113.30
-25.35
0.054
47.10
0.44
-165.77
22.33
1.0
0.77
-130.90
18.50
8.41
106.40
-24.58
0.059
45.10
0.46
-170.63
21.54
1.5
0.75
-150.40
15.23
5.77
93.93
-22.97
0.071
43.03
0.49
180.17
19.10
1.8
0.74
-158.70
14.02
5.02
88.30
-21.94
0.080
42.33
0.49
-184.17
17.98
2.0
0.74
-162.70
13.79
4.89
85.10
-21.51
0.084
42.13
0.50
173.27
17.65
2.5
0.72
-170.00
10.81
3.47
77.97
-20.18
0.098
41.53
0.50
166.80
15.49
3.0
0.69
-174.10
9.60
3.02
71.63
-18.24
0.122
40.67
0.52
163.70
13.92
4.0
0.71
163.70
7.13
2.27
53.03
-17.33
0.136
30.70
0.52
139.43
11.20
5.0
0.73
150.50
5.46
1.87
41.40
-16.83
0.144
25.67
0.52
136.10
9.63
6.0
0.71
141.50
4.37
1.65
28.50
-16.31
0.153
18.13
0.54
118.23
8.02
7.0
0.73
124.40
3.34
1.47
14.10
-15.55
0.167
8.10
0.54
111.83
7.28
8.0
0.74
113.40
3.14
1.44
6.00
-15.19
0.174
3.57
0.54
110.90
7.28
9.0
0.76
98.20
2.94
1.40
-5.57
-15.14
0.175
-4.97
0.55
95.33
7.05
10.0
0.79
84.10
2.33
1.31
-19.10
-14.94
0.179
-16.07
0.55
80.50
6.83
11.0
0.86
62.40
0.44
1.05
-33.40
-14.94
0.179
-28.27
0.55
67.80
6.40
12.0
0.87
62.50
-0.38
0.96
-38.90
-14.47
0.189
-32.20
0.61
61.73
6.00
13.0
0.88
52.30
-1.20
0.87
-50.90
-14.99
0.178
-42.87
0.66
50.97
5.55
14.0
0.89
44.90
-1.79
0.81
-60.20
-15.55
0.167
-50.87
0.70
41.63
5.33
15.0
0.91
39.00
-3.64
0.66
-69.10
-15.81
0.162
-59.03
0.73
32.17
4.81
16.0
0.93
33.40
-5.30
0.54
-76.40
-18.64
0.117
-65.67
0.76
26.13
4.49
17.0
0.93
28.50
-5.40
0.54
-82.40
-17.79
0.129
-71.87
0.78
19.77
4.48
18.0
0.92
25.10
-6.34
0.48
-86.10
-17.92
0.127
-76.40
0.80
14.87
3.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com