Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE1302 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE1302
Description  ADSL ANALOG FRONT-END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE1302 Datasheet(HTML) 1 Page - Texas Instruments

  AFE1302 Datasheet HTML 1Page - Texas Instruments AFE1302 Datasheet HTML 2Page - Texas Instruments AFE1302 Datasheet HTML 3Page - Texas Instruments AFE1302 Datasheet HTML 4Page - Texas Instruments AFE1302 Datasheet HTML 5Page - Texas Instruments AFE1302 Datasheet HTML 6Page - Texas Instruments AFE1302 Datasheet HTML 7Page - Texas Instruments AFE1302 Datasheet HTML 8Page - Texas Instruments AFE1302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright © 2000, Texas Instruments Incorporated
SBWS014
Printed in U.S.A. December, 2000
ADSL ANALOG FRONT-END
FEATURES
q NOISE FLOOR: –144dBm/Hz
q MULTIRATE COMPATIBLE
q VCXO CIRCUITRY AND DAC
AFE1302
DESCRIPTION
Burr-Brown’s Analog Front-End from Texas Instru-
ments reduces the size and cost of an ADSL-compliant
system by providing the active analog circuitry needed
to connect an ADSL Digital Signal Processor (DSP) to
an external line driver, receiver, TX/RX filters, hy-
brid, transformer, and POTS filter. The AFE1302 is
designed for downstream data rates of 4Mbps and
higher, and operation at a clock rate of 35.328MHz,
with an output word rate of up to 8.832MWords/s.
Functionally, this unit consists of a transmit (TX) chan-
nel, a receive (RX) channel, a VCXO (Voltage Con-
trolled Crystal Oscillator) control Digital-to-Analog
Converter (DAC), and VCXO active circuitry. The TX
section converts, filters, and buffers outgoing Discrete
Multi Tone (DMT) data from the ADSL DSP.
The receive section amplifies, filters, and digitizes the
DMT data received on the twisted pair line.
This IC operates on a single 5V supply. The digital
circuitry in the unit can be connected to a supply voltage
ranging from 3.3V to 5V. The chip uses only 570mW.
The AFE1302 is designed to be used with external
amplifiers and filters for noise reduction and dynamic-
range improvement.
The RX channel consists of a low-noise PGA, a switched
capacitor low-pass filter, and fourth-order delta-sigma
Analog-to-Digital Converter (ADC). The delta-sigma
modulator operating at a 32X oversampling ratio pro-
duces a 16-bit output at word rates up to 8832kHz.
The TX channel consists of a fourth-order delta-sigma
DAC, switched-capacitor low-pass filter, program-
mable attenuator, and buffer. The buffer drives off-
chip into a low-noise line driver configured as a 3-pole
active filter to produce an overall low-noise high-drive
TX output signal on a twisted pair line.
q 8.8M TO 1.1MWords/s WORD RATE
q FIVE GENERAL-PURPOSE OUTPUTS
q 570mW POWER DISSIPATION
q TQFP-48 PACKAGE
16-Bit
DAC
16-Bit
ADC
VCXO
DAC
Atten
PGA
Interpolation
Filter
Decimation
Filter
Analog
Loop Back
General Purpose
Digital Output
VCXO
Active Ckts
Buffer
LP
Filter
LP
Filter
Digital
Interface
From DSP
TX Output
RX Input
5
AFE1302
Digital
Loopback
Patents Pending
www.ti.com
AFE1
302


Similar Part No. - AFE1302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE1302Y/250 TI1-AFE1302Y/250 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
AFE1302Y/250G4 TI1-AFE1302Y/250G4 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
More results

Similar Description - AFE1302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
CPE ADSL ANALOG FRONT END
Sep-2001
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
G.Lite ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
G.dmt ADSL Analog Front End IC
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
ADSL Analog Front End Chip
February 1999
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
STMicroelectronics
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com